Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 2 Page - ON Semiconductor

  FS6131 Datasheet HTML 1Page - ON Semiconductor FS6131 Datasheet HTML 2Page - ON Semiconductor FS6131 Datasheet HTML 3Page - ON Semiconductor FS6131 Datasheet HTML 4Page - ON Semiconductor FS6131 Datasheet HTML 5Page - ON Semiconductor FS6131 Datasheet HTML 6Page - ON Semiconductor FS6131 Datasheet HTML 7Page - ON Semiconductor FS6131 Datasheet HTML 8Page - ON Semiconductor FS6131 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
FS6131
FS6131
VCXO
Divider
(optional)
(optional)
CRYSTAL LOOP
MAIN LOOP
VCXO
XOUT
XIN
Control
ROM
XTUNE
Reference
Divider
(N
R)
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
REF
FBK
Phase-
Frequency
Detector
Charge
Pump
UP
DOWN
Feedback
Divider (N
F)
Internal
Loop
Filter
EXTLF
I2C
Interface
SCL
SDA
ADDR
Registers
POST3[1:0]
POST2[1:0]
POST1[1:0]
REFDIV[11:0]
FBKDIV[13:0]
EXTLF
PDREF
PDFBK
VCOSPD,
OSCTYPE
LFTC
MLCP[1:0]
XLCP[1:0]
XLROM[2:0]
XLPDEN,
XLSWAP
REFDSRC
XCT[3:0],
XLVTEN
(f
REF)
(f
VCO)
LOCK/
IPRG
Post
Divider
(N
Px)
Voltage
Controlled
Oscillator
Lock
Detect
CMOS
(optional)
STAT[1:0]
OUTMUX[1:0]
Clock
Gobbler
GBL
(optional)
FBKDSRC[1:0]
CMOS/PECL
Output
CLKN
(f
CLK)
CLKP
R
LF
C
LF
C
LP
11
00
10
01
01
00
10
11
1
0
1
0
0
1
1
0
1
0
Figure 2: Block Diagram
Table 1: Pin Descriptions
Key: AI = Analog Input; AO = Analog Output; DI = Digital Input; DI
U = Input with Internal Pull-Up; DI
D = Input with Internal Pull-Down;
DIO = Digital Input/Output; DI-3 = Three-Level Digital Input, DO = Digital Output; P = Power/Ground; # = Active Low pin
Pin
Type
Name
Description
1
DI
SCL
Serial interface clock (requires an external pull-up)
2
DIO
SDA
Serial interface data input/output (requires an external pull-up)
3
DI
ADDR
Address select bit (see Section 5.2.1)
4
P
VSS
Ground
5
AI
XIN
VCXO feedback
6
AO
XOUT
VCXO drive
7
AI
XTUNE
VCXO tune
8
P
VDD
Power supply (+5V)
9
DIO
LOCK/IPRG
Lock indicator / PECL current drive programming
10
AI
EXTLF
External loop filter
11
P
VSS
Ground
12
DI
REF
Reference frequency input
13
DI
FBK
Feedback input
14
P
VDD
Power supply (+5V)
15
DO
CLKP
Differential clock output (+)
16
DO
CLKN
Differential clock output (-)
Rev. 4 | Page 2 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com