Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 32 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 28Page - ON Semiconductor FS6131 Datasheet HTML 29Page - ON Semiconductor FS6131 Datasheet HTML 30Page - ON Semiconductor FS6131 Datasheet HTML 31Page - ON Semiconductor FS6131 Datasheet HTML 32Page - ON Semiconductor FS6131 Datasheet HTML 33Page - ON Semiconductor FS6131 Datasheet HTML 34Page - ON Semiconductor FS6131 Datasheet HTML 35Page - ON Semiconductor FS6131 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
Rev. 4 | Page 32 of 44 | www.onsemi.com
FS6131
Clicking on Solution #3 highlights the row, and clicking on Disp/Save Register Values provides a window with the final values of key
settings. A click on OK then displays a second window containing register information per the register map. If the solutions are to be
saved to a file, two formats are available: a text format for viewing and a data format for loading into the FS6131.
Table 21: Sample Text Output
ON SEMICONDUCTOR - FS6131 Solution Text File
Created: Today’s Date, Today’s Time
Line-Locked / Genlock Mode
Desired Multiple = 800
Source = 0.0315MHz Reference Pin
External Loop Filter C1 = 4700pF R = 47kOhms
Crystal Oscillator Voltage Tune Disabled
Output Stage = CMOS
Reference Divider = 1
Feedback Divider = 800
Post Divider
= 4
Charge Pump (uA) = 10
EXTLF
= 1
XLVTEN
= 0
XCT
= 7
CMOS
= 1
Register 0 = 1H (1)
Register 1 = 40H (64)
Register 2 = 2H (2)
Register 3 = 20H (32)
Register 4 = 3H (3)
Register 5 = 26H (38)
Register 6 = 0H (0)
Register 7 = 17H (23)
11.0 Applications Information
A signal reflection will occur at any point on a PC-board trace where impedance mismatches exist. Reflections cause several
undesirable effects in high-speed applications, such as an increase in clock jitter and a rise in electromagnetic emissions from the
board. Using a properly designed series termination on each high-speed line can alleviate these problems by eliminating signal
reflections.
11.1 PECL Output Mode
If a PECL interface is desired, the transmission line must be terminated using a Thévenin, or dual, termination. The output stage can
only sink current in the PECL mode, and the amount of sink current is set by a programming resistor on the LOCK/IPRG pin. Source
current is provided by the pull-up resistor that is part of the Thévenin termination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com