Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 16 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 16 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 12Page - ON Semiconductor FS6131 Datasheet HTML 13Page - ON Semiconductor FS6131 Datasheet HTML 14Page - ON Semiconductor FS6131 Datasheet HTML 15Page - ON Semiconductor FS6131 Datasheet HTML 16Page - ON Semiconductor FS6131 Datasheet HTML 17Page - ON Semiconductor FS6131 Datasheet HTML 18Page - ON Semiconductor FS6131 Datasheet HTML 19Page - ON Semiconductor FS6131 Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
FS6131
6.0 Programming Information
All register bits are cleared to zero on power-up. All register bits may be read back as written except STAT[1] (Bit 63).
Table 3: Register Map
Address
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
STAT[1]
(Bit 63)
STAT[0]
(Bit 62)
XLVTEN
(Bit 61)
CMOS
(Bit 60)
XCT[3]
(Bit 59)
XCT[2]
(Bit 58)
XCT[1]
(Bit 57)
XCT[0]
(Bit 56)
00 = Crystal Loop – Lock Status
01 = Crystal Loop – Out of Range
0 = Fine Tune
Inactive
0 = PECL
10 = Main Loop – Phase Status
Byte 7
11 = Feedback Divider Output
1 = Fine Tune
Active
1 = CMOS, Lock
Status
VCXO Coarse Tune
See Table 11
XLPDEN
(Bit 55)
XLSWAP
(Bit 54)
XLCP[1]
(Bit 53)
XLCP[0]
(Bit 52)
XLROM[2]
(Bit 51)
XLROM[1]
(Bit 50)
XLROM[0]
(Bit 49)
GBL
(Bit 48)
00 = 1.5
μA
0 = Crystal Loop
Operates
0 = Use with
External VCXO
01 = 5
μA
0 = No Clock
Phase Adjust
10 = 8
μA
Byte 6
1 = Crystal Loop
Powered Down
1 = Use with
Internal VCXO
11 = 24
μA
Crystal Loop Control
See Table 10
1 = Clock Phase
Delay
OUTMUX[1]
(Bit 47)
OUTMUX[0]
(Bit 46)
OSCTYPE
(Bit 45)
VCOSPD
(Bit 44)
LFTC
(Bit 43)
EXTLF
(Bit 42)
MLCP[1]
(Bit 41)
MLCP[0]
(Bit 40)
00 = VCO Output
00 = 1.5
μA
01 = Reference Divider Output
0 = Low Phase
Jitter Oscillator
0 = High Speed
Range
0 = Short Time
Constant
0 = Internal Loop
Filter
01 = 5
μA
10 = Phase Detector Input
10 = 8
μA
Byte 5
11 = VCXO Output
1 = FS6031
Oscillator
1 = Low Speed
Range
1 = Long Time
Constant
1 = External Loop
Filter
11 = 24
μA
FBKDSRC[1]
(Bit 39)
FBKDSRC[0]
(Bit 38)
FBKDIV[13]
(Bit 37)
FBKDIV[12]
(Bit 36)
FBKDIV[11]
(Bit 35)
FBKDIV[10]
(Bit 34)
FBKDIV[9]
(Bit 33)
FBKDIV[8]
(Bit 32)
00 = Post Divider Output
01 = FBK Pin
8192
4096
2048
1024
512
256
10 = Post Divider Input
Byte 4
11 = FBK Pin
M Counter
FBKDIV[7]
(Bit 31)
FBKDIV[6]
(Bit 30)
FBKDIV[5]
(Bit 29)
FBKDIV[4]
(Bit 28)
FBKDIV[3]
(Bit 27)
FBKDIV[2]
(Bit 26)
FBKDIV[1]
(Bit 25)
FBKDIV[0]
(Bit 24)
128
64
32
16
8
4
2
1
Byte 3
M Counter
A Counter – See Table 2
POST3[1]
(Bit 21)
POST3[1]
(Bit 20)
POST2[1]
(Bit 19)
POST2[0]
(Bit 18)
POST1[1]
(Bit 17)
POST1[0]
(Bit 16)
00 = Divide by 1
00 = Divide by 1
00 = Divide by 1
01 = Divide by 3
01 = Divide by 3
01 = Divide by 2
10 = Divide by 5
10 = Divide by 5
10 = Divide by 4
Byte 2
Reserved (0)
Reserved (0)
11 = Divide by 4
11 = Divide by 4
11 = Divide by 8
PDFBK
(Bit 15)
PDREF
(Bit 14)
SHUT
(Bit 13)
REFDSRC
(Bit 12)
REFDIV[11]
(Bit 11)
REFDIV[10]
(Bit 10)
REFDIV[9]
(Bit 9)
REFDIV[8]
(Bit 8)
0 = Feedback
Divider
0 = Reference
Divider
0 = Main Loop
Operates
0 = VCXO
Byte 1
1 = FBK Pin
1 = REF Pin
1 = Main Loop
Powered Down
1 = Ref Pin
2048
1024
512
256
REFDIV[7]
(Bit 7)
REFDIV[6]
(Bit 6)
REFDIV[5]
(Bit 5)
REFDIV[4]
(Bit 4)
REFDIV[3]
(Bit 3)
REFDIV[2]
(Bit 2)
REFDIV[1]
(Bit 1)
REFDIV[0]
(Bit 0)
Byte 0
128
64
32
16
8
4
2
1
Rev. 4 | Page 16 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com