Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 21 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 17Page - ON Semiconductor FS6131 Datasheet HTML 18Page - ON Semiconductor FS6131 Datasheet HTML 19Page - ON Semiconductor FS6131 Datasheet HTML 20Page - ON Semiconductor FS6131 Datasheet HTML 21Page - ON Semiconductor FS6131 Datasheet HTML 22Page - ON Semiconductor FS6131 Datasheet HTML 23Page - ON Semiconductor FS6131 Datasheet HTML 24Page - ON Semiconductor FS6131 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
FS6131
Table 11: VCXO Coarse Running Capacitance
XCT[3]
XCT[2]
XCT[1]
XCT[0]
VCXO Tuning Capacitance (pf)
0
0
0
0
10.00
0
0
0
1
10.84
0
0
1
0
11.69
0
0
1
1
12.53
0
1
0
0
13.38
0
1
0
1
14.22
0
1
1
0
15.06
0
1
1
1
15.91
1
0
0
0
16.75
1
0
0
1
17.59
1
0
1
0
18.43
1
0
1
1
19.28
1
1
0
0
20.13
1
1
0
1
20.97
1
1
1
0
21.81
1
1
1
1
22.66
7.0 Electrical Specifications
Table 12: Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Supply Voltage, dc (VSS = ground)
VDD
VSS-0.5
7
V
Input Voltage, dc
VI
VSS-0.5
VDD+0.5
V
Output Voltage, dc
VO
VSS-0.5
VDD+0.5
V
Input Clamp Current, dc (VI < 0 or VI > VDD)
IIK
-50
50
mA
Output Clamp Current, dc (VI < 0 or VI > VDD)
IOK
-50
50
mA
Storage Temperature Range (non-condensing)
TS
-65
150
°C
Ambient Temperature Range, Under Bias
TA
-55
125
°C
Junction Temperature
TJ
150
°C
Lead Temperature (soldering, 10s)
260
°C
Input Static Discharge Voltage Protection (MIL-STD 883E, Method 3015.7)
2
kV
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These conditions represent a stress rating only, and functional
operation of the device at these or any other conditions above the operational limits noted in this specification is not implied. Exposure to maximum rating conditions for
extended conditions may affect device performance, functionality, and reliability.
CAUTION: ELECTROSTATIC SENSITIVE DEVICE
Permanent damage resulting in a loss of functionality or performance may occur if this device is subjected to a high-energy
electrostatic discharge.
Rev. 4 | Page 21 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com