Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 9Page - ON Semiconductor FS6131 Datasheet HTML 10Page - ON Semiconductor FS6131 Datasheet HTML 11Page - ON Semiconductor FS6131 Datasheet HTML 12Page - ON Semiconductor FS6131 Datasheet HTML 13Page - ON Semiconductor FS6131 Datasheet HTML 14Page - ON Semiconductor FS6131 Datasheet HTML 15Page - ON Semiconductor FS6131 Datasheet HTML 16Page - ON Semiconductor FS6131 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
FS6131
5.1.4. Data Valid
The state of the SDA line represents valid data if the SDA line is stable for the duration of the high period of the SCL line after a START
condition occurs. The data on the SDA line must be changed only during the low period of the SCL signal. There is one clock pulse per
data bit.
Each data transfer is initiated by a START condition and terminated with a STOP condition. The number of data bytes transferred
between START and STOP conditions is determined by the master device, and can continue indefinitely. However, data that is
overwritten to the device after the first eight bytes will overflow into the first register, then the second, and so on, in a first-in, first-
overwritten fashion.
5.1.5. Acknowledge
When addressed, the receiving device is required to generate an acknowledge after each byte is received. The master device must
generate an extra clock pulse to coincide with the acknowledge bit. The acknowledging device must pull the SDA line low during the
high period of the master acknowledge clock pulse. Setup and hold times must be taken into account.
The master must signal an end of data to the slave by not generating an acknowledge bit on the last byte that has been read (clocked)
out of the slave. In this case, the slave must leave the SDA line high to enable the master to generate a STOP condition.
5.2 I
2C-bus Operation
All programmable registers can be accessed randomly or sequentially via this bi-directional two wire digital interface. The crystal
oscillator does not have to run for communication to occur.
The device accepts the following I2C-bus commands.
5.2.1. Slave Address
After generating a START condition, the bus master broadcasts a seven-bit slave address followed by a R/W bit. The address of the
device is:
A6
A5
A4
A3
A2
A1
A0
1
0
1
1
X
0
0
where X is controlled by the logic level at the ADDR pin. The variable ADDR bit allows two different FS6131 devices to exist on the
same bus. Note that every device on an I2C-bus must have a unique address to avoid bus conflicts. The default address sets A2 to 0
via the pull-down on the ADDR pin.
5.2.2. Random Register Write Procedure
Random write operations allow the master to directly write to any register. To initiate a write procedure, the R/W bit that is transmitted
after the seven-bit device address is a logic-low. This indicates to the addressed slave device that a register address will follow after the
slave device acknowledges its device address. The register address is written into the slave's address pointer. Following an
acknowledge by the slave, the master is allowed to write eight bits of data into the addressed register. A final acknowledge is returned
by the device, and the master generates a STOP condition.
If either a STOP or a repeated START condition occurs during a register write, the data that has been transferred is ignored.
5.2.3. Random Register Read Procedure
Random read operations allow the master to directly read from any register. To perform a read procedure, the R/W bit that is
transmitted after the seven-bit address is a logic-low, as in the register write procedure. This indicates to the addressed slave device
that a register address will follow after the slave device acknowledges its device address. The register address is then written into the
slave's address pointer.
Rev. 4 | Page 13 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com