Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6131 Datasheet(PDF) 18 Page - ON Semiconductor

Part # FS6131
Description  Programmable Line Lock Clock Generator IC
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FS6131 Datasheet(HTML) 18 Page - ON Semiconductor

Back Button FS6131 Datasheet HTML 14Page - ON Semiconductor FS6131 Datasheet HTML 15Page - ON Semiconductor FS6131 Datasheet HTML 16Page - ON Semiconductor FS6131 Datasheet HTML 17Page - ON Semiconductor FS6131 Datasheet HTML 18Page - ON Semiconductor FS6131 Datasheet HTML 19Page - ON Semiconductor FS6131 Datasheet HTML 20Page - ON Semiconductor FS6131 Datasheet HTML 21Page - ON Semiconductor FS6131 Datasheet HTML 22Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
FS6131
Table 5: LOCK/IPRG Pin Configuration Bits
Name
Description
Crystal Loop Lock STATus Mode /
Main Loop Phase Align STATus mode
(see also Table 6)
Bit 63 = 0
Bit 62 = 0
Crystal Loop Lock status:
Locked or Unlocked
Bit 63 = 0
Bit 62 = 1
Crystal Loop Lock status:
Out of Range High or Low
Bit 63 = 1
Bit 62 = 0
Main Loop Phase Align status
STAT[1:0]
(Bits 63-62)
Bit 63 = 1
Bit 62 = 1
Feedback Divider output
Table 6: Lock Status
CMOS
STAT [1]
STAT [0]
LOCK /
IPRG PIN
STAT[1]
Read
Status
1
1
Locked
1
0
0
0
0
Unlocked
0
0
Out-of-Range: Low
1
0
1
1
1
Out-of-Range: High
Table 7: Main Loop Tuning Bits
Name
Description
VCO SPeeD range select (see Table 16)
Bit = 0
High Speed Range
VCOSPD
(Bit 44)
Bit = 1
Low Speed Range
Main Loop Charge Pump current
Bit 41 = 0
Bit 40 = 0
Current = 1.5
μA
Bit 41 = 0
Bit 40 = 1
Current = 5
μA
Bit 41 = 1
Bit 40 = 0
Current = 8
μA
MLCP[1:0]
(Bits 41-40)
Bit 41 = 1
Bit 40 = 1
Current = 24
μA
Loop Filter Time Constant (internal)
Bit = 0
Short Time Constant: 13.5
μs
LFTC
(Bit 43)
Bit = 1
Long Time Constant: 135
μs
Rev. 4 | Page 18 of 44 | www.onsemi.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com