Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 141 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 141 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 137Page - STMicroelectronics ST10F276Z5 Datasheet HTML 138Page - STMicroelectronics ST10F276Z5 Datasheet HTML 139Page - STMicroelectronics ST10F276Z5 Datasheet HTML 140Page - STMicroelectronics ST10F276Z5 Datasheet HTML 141Page - STMicroelectronics ST10F276Z5 Datasheet HTML 142Page - STMicroelectronics ST10F276Z5 Datasheet HTML 143Page - STMicroelectronics ST10F276Z5 Datasheet HTML 144Page - STMicroelectronics ST10F276Z5 Datasheet HTML 145Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 239 page
background image
ST10F276Z5
Register set
141/239
22.3
Special function registers ordered by name
The following table lists in alphabetical order all SFRs which are implemented in the
ST10F276Z5.
Bit-addressable SFRs are marked with the letter “b” in column “Name”.
SFRs within the Extended SFR-Space (ESFRs) are marked with the letter “E” in column
“Physical Address”.
The system configuration is selected during reset. SYSCON reset value is 0000 0xx0 x000
0000b.
Reset Value depends on different triggered reset event.
The XPnIC Interrupt Control Registers control interrupt requests from integrated X-Bus
peripherals. Some software controlled interrupt requests may be generated by setting the
XPnIR bits (of XPnIC register) of the unused X-Peripheral nodes.
Table 68.
Special function registers ordered by address
Name
Physical
address
8-bit
address
Description
Reset
value
ADCIC b
FF98h
CCh
A/D converter end of conversion interrupt control
register
- - 00h
ADCON b
FFA0h
D0h
A/D converter control register
0000h
ADDAT
FEA0h
50h
A/D converter result register
0000h
ADDAT2
F0A0h E
50h
A/D converter 2 result register
0000h
ADDRSEL1
FE18h
0Ch
Address select register 1
0000h
ADDRSEL2
FE1Ah
0Dh
Address select register 2
0000h
ADDRSEL3
FE1Ch
0Eh
Address select register 3
0000h
ADDRSEL4
FE1Eh
0Fh
Address select register 4
0000h
ADEIC b
FF9Ah
CDh
A/D converter overrun error interrupt control register - - 00h
BUSCON0 b
FF0Ch
86h
Bus configuration register 0
0xx0h
BUSCON1 b
FF14h
8Ah
Bus configuration register 1
0000h
BUSCON2 b
FF16h
8Bh
Bus configuration register 2
0000h
BUSCON3 b
FF18h
8Ch
Bus configuration register 3
0000h
BUSCON4 b
FF1Ah
8Dh
Bus configuration register 4
0000h
CAPREL
FE4Ah
25h
GPT2 capture/reload register
0000h
CC0
FE80h
40h
CAPCOM register 0
0000h
CC0IC b
FF78h
BCh
CAPCOM register 0 interrupt control register
- - 00h
CC1
FE82h
41h
CAPCOM register 1
0000h
CC10
FE94h
4Ah
CAPCOM register 10
0000h
CC10IC b
FF8Ch
C6h
CAPCOM register 10 interrupt control register
- - 00h
CC11
FE96h
4Bh
CAPCOM register 11
0000h
CC11IC b
FF8Eh
C7h
CAPCOM register 11 interrupt control register
- - 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com