Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 138Page - STMicroelectronics ST10F276Z5 Datasheet HTML 139Page - STMicroelectronics ST10F276Z5 Datasheet HTML 140Page - STMicroelectronics ST10F276Z5 Datasheet HTML 141Page - STMicroelectronics ST10F276Z5 Datasheet HTML 142Page - STMicroelectronics ST10F276Z5 Datasheet HTML 143Page - STMicroelectronics ST10F276Z5 Datasheet HTML 144Page - STMicroelectronics ST10F276Z5 Datasheet HTML 145Page - STMicroelectronics ST10F276Z5 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 239 page
background image
Register set
ST10F276Z5
142/239
CC12
FE98h
4Ch
CAPCOM register 12
0000h
CC12IC b
FF90h
C8h
CAPCOM register 12 interrupt control register
- - 00h
CC13
FE9Ah
4Dh
CAPCOM register 13
0000h
CC13IC b
FF92h
C9h
CAPCOM register 13 interrupt control register
- - 00h
CC14
FE9Ch
4Eh
CAPCOM register 14
0000h
CC14IC b
FF94h
CAh
CAPCOM register 14 interrupt control register
- - 00h
CC15
FE9Eh
4Fh
CAPCOM register 15
0000h
CC15IC b
FF96h
CBh
CAPCOM register 15 interrupt control register
- - 00h
CC16
FE60h
30h
CAPCOM register 16
0000h
CC16IC b
F160h
E
B0h
CAPCOM register 16 interrupt control register
- - 00h
CC17
FE62h
31h
CAPCOM register 17
0000h
CC17IC b
F162h
E
B1h
CAPCOM register 17 interrupt control register
- - 00h
CC18
FE64h
32h
CAPCOM register 18
0000h
CC18IC b
F164h
E
B2h
CAPCOM register 18 interrupt control register
- - 00h
CC19
FE66h
33h
CAPCOM register 19
0000h
CC19IC b
F166h
E
B3h
CAPCOM register 19 interrupt control register
- - 00h
CC1IC b
FF7Ah
BDh
CAPCOM register 1 interrupt control register
- - 00h
CC2
FE84h
42h
CAPCOM register 2
0000h
CC20
FE68h
34h
CAPCOM register 20
0000h
CC20IC b
F168h
E
B4h
CAPCOM register 20 interrupt control register
- - 00h
CC21
FE6Ah
35h
CAPCOM register 21
0000h
CC21IC b
F16Ah E
B5h
CAPCOM register 21 interrupt control register
- - 00h
CC22
FE6Ch
36h
CAPCOM register 22
0000h
CC22IC b
F16Ch E
B6h
CAPCOM register 22 interrupt control register
- - 00h
CC23
FE6Eh
37h
CAPCOM register 23
0000h
CC23IC b
F16Eh E
B7h
CAPCOM register 23 interrupt control register
- - 00h
CC24
FE70h
38h
CAPCOM register 24
0000h
CC24IC b
F170h
E
B8h
CAPCOM register 24 interrupt control register
- - 00h
CC25
FE72h
39h
CAPCOM register 25
0000h
CC25IC b
F172h
E
B9h
CAPCOM register 25 interrupt control register
- - 00h
CC26
FE74h
3Ah
CAPCOM register 26
0000h
CC26IC b
F174h
E
BAh
CAPCOM register 26 interrupt control register
- - 00h
CC27
FE76h
3Bh
CAPCOM register 27
0000h
CC27IC b
F176h
E
BBh
CAPCOM register 27 interrupt control register
- - 00h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com