Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 139Page - STMicroelectronics ST10F276Z5 Datasheet HTML 140Page - STMicroelectronics ST10F276Z5 Datasheet HTML 141Page - STMicroelectronics ST10F276Z5 Datasheet HTML 142Page - STMicroelectronics ST10F276Z5 Datasheet HTML 143Page - STMicroelectronics ST10F276Z5 Datasheet HTML 144Page - STMicroelectronics ST10F276Z5 Datasheet HTML 145Page - STMicroelectronics ST10F276Z5 Datasheet HTML 146Page - STMicroelectronics ST10F276Z5 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 239 page
background image
ST10F276Z5
Register set
143/239
CC28
FE78h
3Ch
CAPCOM register 28
0000h
CC28IC b
F178h
E
BCh
CAPCOM register 28 interrupt control register
- - 00h
CC29
FE7Ah
3Dh
CAPCOM register 29
0000h
CC29IC b
F184h
E
C2h
CAPCOM register 29 interrupt control register
- - 00h
CC2IC b
FF7Ch
BEh
CAPCOM register 2 interrupt control register
- - 00h
CC3
FE86h
43h
CAPCOM register 3
0000h
CC30
FE7Ch
3Eh
CAPCOM register 30
0000h
CC30IC b
F18Ch E
C6h
CAPCOM register 30 interrupt control register
- - 00h
CC31
FE7Eh
3Fh
CAPCOM register 31
0000h
CC31IC b
F194h
E
CAh
CAPCOM register 31 interrupt control register
- - 00h
CC3IC b
FF7Eh
BFh
CAPCOM register 3 interrupt control register
- - 00h
CC4
FE88h
44h
CAPCOM register 4
0000h
CC4IC b
FF80h
C0h
CAPCOM register 4 interrupt control register
- - 00h
CC5
FE8Ah
45h
CAPCOM register 5
0000h
CC5IC b
FF82h
C1h
CAPCOM register 5 interrupt control register
- - 00h
CC6
FE8Ch
46h
CAPCOM register 6
0000h
CC6IC b
FF84h
C2h
CAPCOM register 6 interrupt control register
- - 00h
CC7
FE8Eh
47h
CAPCOM register 7
0000h
CC7IC b
FF86h
C3h
CAPCOM register 7 interrupt control register
- - 00h
CC8
FE90h
48h
CAPCOM register 8
0000h
CC8IC b
FF88h
C4h
CAPCOM register 8 interrupt control register
- - 00h
CC9
FE92h
49h
CAPCOM register 9
0000h
CC9IC b
FF8Ah
C5h
CAPCOM register 9 interrupt control register
- - 00h
CCM0 b
FF52h
A9h
CAPCOM mode control register 0
0000h
CCM1 b
FF54h
AAh
CAPCOM mode control register 1
0000h
CCM2 b
FF56h
ABh
CAPCOM mode control register 2
0000h
CCM3 b
FF58h
ACh
CAPCOM mode control register 3
0000h
CCM4 b
FF22h
91h
CAPCOM mode control register 4
0000h
CCM5 b
FF24h
92h
CAPCOM mode control register 5
0000h
CCM6 b
FF26h
93h
CAPCOM mode control register 6
0000h
CCM7 b
FF28h
94h
CAPCOM mode control register 7
0000h
CP
FE10h
08h
CPU context pointer register
FC00h
CRIC b
FF6Ah
B5h
GPT2 CAPREL interrupt control register
- - 00h
CSP
FE08h
04h
CPU code segment pointer register (read-only)
0000h
Table 68.
Special function registers ordered by address (continued)
Name
Physical
address
8-bit
address
Description
Reset
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com