Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 162Page - STMicroelectronics ST10F276Z5 Datasheet HTML 163Page - STMicroelectronics ST10F276Z5 Datasheet HTML 164Page - STMicroelectronics ST10F276Z5 Datasheet HTML 165Page - STMicroelectronics ST10F276Z5 Datasheet HTML 166Page - STMicroelectronics ST10F276Z5 Datasheet HTML 167Page - STMicroelectronics ST10F276Z5 Datasheet HTML 168Page - STMicroelectronics ST10F276Z5 Datasheet HTML 169Page - STMicroelectronics ST10F276Z5 Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 239 page
background image
Register set
ST10F276Z5
166/239
22.8
Flash registers ordered by address
The following table lists by order of their physical addresses all FLASH control registers
which are implemented in the ST10F276Z5. Note that as they are physically mapped on the
X-Bus, these registers are not bit-addressable.
Table 73.
FLASH registers ordered by address
Name
Physical
address
Description
Reset value
FCR0L
0x000E 0000
Flash control register 0 - Low
0000h
FCR0H
0x000E 0002
Flash control register 0 - High
0000h
FCR1L
0x000E 0004
Flash control register 1 - Low
0000h
FCR1H
0x000E 0006
Flash control register 1 - High
0000h
FDR0L
0x000E 0008
Flash data register 0 - Low
FFFFh
FDR0H
0x000E 000A
Flash data register 0 - High
FFFFh
FDR1L
0x000E 000C
Flash data register 1 - Low
FFFFh
FDR1H
0x000E 000E
Flash data register 1 - High
FFFFh
FARL
0x000E 0010
Flash address register Low
0000h
FARH
0x000E 0012
Flash address register High
0000h
FER
0x000E 0014
Flash error register
0000h
FNVWPXRL
0x000E DFB0
Flash nonvolatile protection X reg. Low
FFFFh
FNVWPXRH
0x000E DFB2
Flash nonvolatile protection X reg. High
FFFFh
FNVWPIRL
0x000E DFB4
Flash nonvolatile protection I reg. Low
FFFFh
FNVWPIRH
0x000E DFB6
Flash nonvolatile protection I reg. High
FFFFh
FNVAPR0
0x000E DFB8
Flash nonvolatile access protection reg. 0
ACFFh
FNVAPR1L
0x000E DFBC
Flash nonvolatile access protection reg. 1 -
Low
FFFFh
FNVAPR1H
0x000E DFBE
Flash nonvolatile access protection reg. 1 -
High
FFFFh
XFICR
0x000E E000
XFlash interface control register
000Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com