Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 168 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 168 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 164Page - STMicroelectronics ST10F276Z5 Datasheet HTML 165Page - STMicroelectronics ST10F276Z5 Datasheet HTML 166Page - STMicroelectronics ST10F276Z5 Datasheet HTML 167Page - STMicroelectronics ST10F276Z5 Datasheet HTML 168Page - STMicroelectronics ST10F276Z5 Datasheet HTML 169Page - STMicroelectronics ST10F276Z5 Datasheet HTML 170Page - STMicroelectronics ST10F276Z5 Datasheet HTML 171Page - STMicroelectronics ST10F276Z5 Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 239 page
background image
Register set
ST10F276Z5
168/239
Note:
All identification words are read-only registers.
The values written inside different Identification Register bits are valid only after the Flash
initialization phase is completed. When code execution is started from internal memory (pin
EA held high during reset), the Flash has completed its initialization, so the bits of
Identification Registers are immediately ready to be read out. On the contrary, when code
execution is started from external memory (pin EA held low during reset), the Flash
initialization is not yet completed, so the bits of Identification Registers are not ready. The
user can poll bits 15 and 14 of IDMEM register: When both bits are read low, the Flash
initialization is complete, so all Identification Register bits are correct.
Before Flash initialization completion, the default setting of the different identification
registers are the following:
Table 76.
IDMEM description
Bit
Function
MEMSIZE
Internal memory size
Internal Memory size is 4 x (MEMSIZE) (in Kbyte)
0D0h for ST10F276Z5 (832 Kbytes)
MEMTYP
Internal memory type
‘0h’: ROM-Less
‘1h’: (M) ROM memory
‘2h’: (S) Standard FLASH memory
‘3h’: (H) High Performance FLASH memory (ST10F276Z5)
‘4h...Fh’: reserved
IDPROG (F078h / 3Ch)
ESFR
Reset value:0040h
15
14
13
12
11
10
987
65432
10
PROGVPP
PROGVDD
RR
Table 77.
IDPROG description
Bit
Function
PROGVDD
Programming VDD voltage
VDD voltage when programming EPROM or FLASH devices is calculated using
the following formula: VDD = 20 x [PROGVDD] / 256 (volts) - 40h for ST10F276Z5
(5 V).
PROGVPP
Programming VPP voltage (no need of external VPP) - 00h
Table 78.
Identification register settings
Register name
Value
IDMANUF
0403h
IDCHIP
114xh (x = silicon revision)
IDMEM
F0D0h
IDPROG
0040h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com