Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 167 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 167 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 163Page - STMicroelectronics ST10F276Z5 Datasheet HTML 164Page - STMicroelectronics ST10F276Z5 Datasheet HTML 165Page - STMicroelectronics ST10F276Z5 Datasheet HTML 166Page - STMicroelectronics ST10F276Z5 Datasheet HTML 167Page - STMicroelectronics ST10F276Z5 Datasheet HTML 168Page - STMicroelectronics ST10F276Z5 Datasheet HTML 169Page - STMicroelectronics ST10F276Z5 Datasheet HTML 170Page - STMicroelectronics ST10F276Z5 Datasheet HTML 171Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 239 page
background image
ST10F276Z5
Register set
167/239
22.9
Identification registers
The ST10F276Z5 has four Identification registers, mapped in ESFR space. These registers
contain:
●
The manufacturer identifier
●
The chip identifier with revision number
●
The internal Flash and size identifier
●
the programming voltage description
IDMANUF (F07Eh / 3Fh)
ESFR
Reset value:0403h
15
14
13
12
11
10
987
65432
10
MANUF
000
11
R
Table 74.
MANUF description
Bit
Function
MANUF
Manufacturer identifier
020h: STMicroelectronics manufacturer (JTAG worldwide normalization)
IDCHIP (F07Ch / 3Eh)
ESFR
Reset value:114xh
15
14
13
12
11
10
987
65432
10
IDCHIP
REVID
RR
Table 75.
IDCHIP description
Bit
Function
IDCHIP
Device identifier
114h: ST10F276Z5 Identifier (276)
REVID
Device revision identifier
Xh: According to revision number
IDMEM (F07Ah / 3Dh)
ESFR
Reset value:30D0h
15
14
13
12
11
10
987
65432
10
MEMTYP
MEMSIZE
RR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com