Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 176 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 176 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 172Page - STMicroelectronics ST10F276Z5 Datasheet HTML 173Page - STMicroelectronics ST10F276Z5 Datasheet HTML 174Page - STMicroelectronics ST10F276Z5 Datasheet HTML 175Page - STMicroelectronics ST10F276Z5 Datasheet HTML 176Page - STMicroelectronics ST10F276Z5 Datasheet HTML 177Page - STMicroelectronics ST10F276Z5 Datasheet HTML 178Page - STMicroelectronics ST10F276Z5 Datasheet HTML 179Page - STMicroelectronics ST10F276Z5 Datasheet HTML 180Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 239 page
background image
Register set
ST10F276Z5
176/239
The default XPER selection after Reset is such that CAN1 is enabled, CAN2 is disabled,
XRAM1 (2 Kbyte XRAM) is enabled and XRAM2 (64 Kbyte XRAM) is disabled; all the other
X-Peripherals are disabled after Reset.
Register XPERCON cannot be changed after the global enabling of X-Peripherals, that is,
after setting of bit XPEN in SYSCON register.
In Emulation mode, all the X-Peripherals are enabled (XPERCON bits are all set). The
bondout chip determines whether or not to redirect an access to external memory or to
XBUS.
Reserved bits of XPERCON register are always written to ‘0’.
Table 87 below summarizes the Segment 8 mapping that depends upon the EA pin status
during reset as well as the SYSCON (bit XPEN) and XPERCON (bits XRAM2EN and
XFLASHEN) registers user programmed values.
.
Note:
The symbol “x” in the table above stands for “do not care”.
22.10.1
XPERCON and XPEREMU registers
As already mentioned, the XPERCON register must be programmed to enable the single
XBUS modules separately. The XPERCON is a read/write ESFR register; the XPEREMU
register is a write-only register mapped on XBUS memory space (address EB7Eh).
Once the XPEN bit of SYSCON register is set and at least one of the X-peripherals (except
memories) is activated, the register XPEREMU must be written with the same content of
XPERCON: This is mandatory in order to allow a correct emulation of the new set of
features introduced on XBUS for the new ST10 generation. The following instructions must
be added inside the initialization routine:
if (SYSCON.XPEN && (XPERCON & 0x07D3))
then { XPEREMU = XPERCON }
Of course, XPEREMU must be programmed after XPERCON and after SYSCON; in this
way the final configuration for X-Peripherals is stored in XPEREMU and used for the
emulation hardware setup.
Note:
The bit meaning is exactly the same as in XPERCON.
Table 87.
Segment 8 address range mapping
EA
XPEN
XRAM2EN
XFLASHEN
Segment 8
0
0
x
x
External memory
0100
External memory
0
1
1
x
Reserved
01
x
1
Reserved
1
x
x
x
IFlash (B1F1)
XPEREMU (EB7Eh)
XBUS
Reset value xxxxh:
15
14
13
12
11
10
987
65432
10
---
--
XMISC
EN
XI2C
EN
XSSC
EN
XASC
EN
XPWM
EN
XFLAS
HEN
XRTC
EN
XRAM2
EN
XRAM1
EN
CAN2
EN
CAN1
EN
-
-
-
-
-
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com