Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 180 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 180 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 176Page - STMicroelectronics ST10F276Z5 Datasheet HTML 177Page - STMicroelectronics ST10F276Z5 Datasheet HTML 178Page - STMicroelectronics ST10F276Z5 Datasheet HTML 179Page - STMicroelectronics ST10F276Z5 Datasheet HTML 180Page - STMicroelectronics ST10F276Z5 Datasheet HTML 181Page - STMicroelectronics ST10F276Z5 Datasheet HTML 182Page - STMicroelectronics ST10F276Z5 Datasheet HTML 183Page - STMicroelectronics ST10F276Z5 Datasheet HTML 184Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 239 page
background image
Electrical characteristics
ST10F276Z5
180/239
23.4
Parameter interpretation
The parameters listed in the following tables represent the characteristics of the
ST10F276Z5 and its demands on the system.
Where the ST10F276Z5 logic provides signals with their respective timing characteristics,
the symbol “CC” (Controller Characteristics) is included in the “Symbol” column. Where the
external system must provide signals with their respective timing characteristics to the
device, the symbol “SR” (System Requirement) is included in the “Symbol” column.
23.5
DC characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = –40 to +125 °C.
Table 91.
Package characteristics
Package
Operating temperature
CPU frequency range
Die
- 40 / +125 °C
1 – 64 MHz
PQFP 144
LQFP 144
1 – 40 MHz
LQFP 144
-40/+105 °C
1 – 48 MHz
Table 92.
DC characteristics
Symbol
Parameter
Test Condition
Limit values
Unit
Min.
Max.
VIL
SR
Input low voltage (TTL mode)
(except RSTIN, EA, NMI, RPD,
XTAL1, READY)
–
– 0.3
0.8
V
VILS
SR
Input low voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD,
XTAL1, READY)
–
– 0.3
0.3 VDD
VIL1
SR
Input low voltage RSTIN, EA, NMI,
RPD
–
– 0.3
0.3 VDD
VIL2
SR
Input low voltage XTAL1
(CMOS only)
Direct drive
mode
– 0.3
0.3 VDD
VIL3
SR
Input low voltage READY
(TTL only)
–
– 0.3
0.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com