Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 183 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 183 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 179Page - STMicroelectronics ST10F276Z5 Datasheet HTML 180Page - STMicroelectronics ST10F276Z5 Datasheet HTML 181Page - STMicroelectronics ST10F276Z5 Datasheet HTML 182Page - STMicroelectronics ST10F276Z5 Datasheet HTML 183Page - STMicroelectronics ST10F276Z5 Datasheet HTML 184Page - STMicroelectronics ST10F276Z5 Datasheet HTML 185Page - STMicroelectronics ST10F276Z5 Datasheet HTML 186Page - STMicroelectronics ST10F276Z5 Datasheet HTML 187Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 239 page
background image
ST10F276Z5
Electrical characteristics
183/239
ISB2
Standby supply current (11)
(RTC on, 32 kHz Oscillator on,
main VDD off, VSTBY on)
VSTBY = 5.5 V
TA = 25 °C
–
250
µA
VSTBY = 5.5 V
TA = 125 °C
–
500
µA
ISB3
Standby supply current (4) (11)
(VDD transient condition)
––
2.5
mA
1.
This specification is not valid for outputs which are switched to open drain mode. In this case the
respective output floats and the voltage is imposed by the external circuitry.
2.
Port 5 leakage values are granted for not selected A/D converter channel. One channels is always
selected (by default, after reset, P5.0 is selected). For the selected channel the leakage value is similar to
that of other port pins.
3.
The leakage of P2.0 is higher than other pins due to the additional logic (pass gates active only in specific
test modes) implemented on input path. Pay attention to not stress P2.0 input pin with negative overload
beyond the specified limits: Failures in Flash reading may occur (sense amplifier perturbation). Refer to
next Figure 44 for a scheme of the input circuitry.
4.
Not 100% tested, guaranteed by design characterization.
5.
Overload conditions occur if the standard operating conditions are exceeded, that is, the voltage on any
pin exceeds the specified range (that is, VOV > VDD + 0.3 V or VOV < –0.3 V). The absolute sum of input
overload currents on all port pins may not exceed 50 mA. The supply voltage must remain within the
specified limits.
6.
This specification is only valid during Reset, or during Hold- or Adapt-mode. Port 6 pins are only affected if
they are used for CS output and the open drain function is not enabled.
7.
The maximum current may be drawn while the respective signal line remains inactive.
8.
The minimum current must be drawn in order to drive the respective signal line active.
9.
The power supply currents, ICC1 and ICC2, are function of the operating frequency (fCPU is expressed in
MHz). This dependency is illustrated in the Figure 45 below. These parameters are tested at VDDmax and
at maximum CPU clock frequency with all outputs disconnected and all inputs at VIL or VIH, RSTIN pin at
VIH1min: This implies I/O current is not considered. The device performs the following actions:
- Fetching code from IRAM and XRAM1 (for ICC1) or from all sectors of both IFlash and XFlash (for ICC2),
accessing in read and write to both XRAM modules
- Watchdog Timer is enabled and regularly serviced
- RTC is running with main oscillator clock as reference, generating a tick interrupts every 192 clock cycles
- Four channels of XPWM are running (waves period: 2, 2.5, 3 and 4 CPU clock cycles): No output toggling
- Five General Purpose Timers are running in timer mode with prescaler equal to 8 (T2, T3, T4, T5, T6)
- ADC is in Auto Scan Continuous Conversion mode on all 16 channels of Port5
- All interrupts generated by XPWM, RTC, Timers and ADC are not serviced
10. The Idle mode supply current is a function of the operating frequency (fCPU is expressed in MHz). This
dependency is illustrated in the Figure 44 below. These parameters are tested and at maximum CPU clock
with all outputs disconnected and all inputs at VIL or VIH, RSTIN pin at VIH1min.
11. This parameter is tested including leakage currents. All inputs (including pins configured as inputs) at 0 to
0.1 V or at VDD – 0.1 V to VDD, VAREF = 0 V, all outputs (including pins configured as outputs)
disconnected. Furthermore, the Main Voltage Regulator is assumed off: In case it is not, additional 1mA
shall be assumed.
Table 92.
DC characteristics (continued)
Symbol
Parameter
Test Condition
Limit values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com