Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 187 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 187 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 183Page - STMicroelectronics ST10F276Z5 Datasheet HTML 184Page - STMicroelectronics ST10F276Z5 Datasheet HTML 185Page - STMicroelectronics ST10F276Z5 Datasheet HTML 186Page - STMicroelectronics ST10F276Z5 Datasheet HTML 187Page - STMicroelectronics ST10F276Z5 Datasheet HTML 188Page - STMicroelectronics ST10F276Z5 Datasheet HTML 189Page - STMicroelectronics ST10F276Z5 Datasheet HTML 190Page - STMicroelectronics ST10F276Z5 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 239 page
background image
ST10F276Z5
Electrical characteristics
187/239
23.7
A/D converter characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = –40 to +125 °C, 4.5 V ≤ VAREF ≤ VDD,
VSS ≤ VAGND ≤ VSS + 0.2V
Table 95. A/D converter characteristics
Symbol
Parameter
Test condition
Limit values
Unit
Min.
Max.
VAREFSR
Analog reference voltage(1)
1.
VAREF can be tied to ground when A/D converter is not in use: An extra consumption (around 200µA) on
main VDD is added due to internal analog circuitry not completely turned off. Therefore, it is suggested to
maintain the VAREF at VDD level even when not in use, and eventually switch off the A/D converter
circuitry setting bit ADOFF in ADCON register.
4.5
VDD
V
VAGNDSR
Analog ground voltage
VSS
VSS + 0.2
V
VAIN SR
Analog Input voltage(2)
2.
VAIN may exceed VAGND or VAREF up to the absolute maximum ratings. However, the conversion result in
these cases will be 0x000H or 0x3FFH, respectively.
VAGND
VAREF
V
IAREFCC
Reference supply current
Running mode
(3)Power-down mode
3.
Not 100% tested, guaranteed by design characterization.
–
–
5
1
mA
µA
tS
CC
Sample time
(4)
4.
During the sample time, the input capacitance CAIN can be charged/discharged by the external source.
The internal resistance of the analog source must allow the capacitance to reach its final voltage level
within
t
S. After the end of the sample time tS, changes of the analog input voltage have no effect on the
conversion result.
Values for the sample clock tS depend on programming and can be taken from Table 96.
1–
µs
tC
CC
Conversion time
(5)
5.
This parameter includes the sample time tS, the time for determining the digital result and the time to load
the result register with the conversion result. Values for the conversion clock tCC depend on programming
and can be taken from next Table 96.
3–
µs
DNL
CC
Differential nonlinearity(6)
No overload
–1
+1
LSB
INL
CC
Integral nonlinearity (6)
No overload
–1.5
+1.5
LSB
OFS
CC
Offset error (6)
No overload
–1.5
+1.5
LSB
TUE
CC
Total unadjusted error(6)
Port5
Port1 - No
overload(3)
Port1 - Overload(3)
–2.0
–5.0
–7.0
+2.0
+5.0
+7.0
LSB
LSB
LSB
K
CC
Coupling factor between
inputs(3) (7)
On both Port5 and
Port1
–10–6
–
CP1 CC
Input pin capacitance(3) (8)
–3
pF
CP2 CC
Port5
Port1
–
4
6
pF
pF
CS
CC
Sampling capacitance(3)(8)
–3.5
pF
RSW CC
Analog switch resistance (3)
(8)
Port5
Port1
–
–
600
1600
W
W
RAD CC
–1300
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com