Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 182Page - STMicroelectronics ST10F276Z5 Datasheet HTML 183Page - STMicroelectronics ST10F276Z5 Datasheet HTML 184Page - STMicroelectronics ST10F276Z5 Datasheet HTML 185Page - STMicroelectronics ST10F276Z5 Datasheet HTML 186Page - STMicroelectronics ST10F276Z5 Datasheet HTML 187Page - STMicroelectronics ST10F276Z5 Datasheet HTML 188Page - STMicroelectronics ST10F276Z5 Datasheet HTML 189Page - STMicroelectronics ST10F276Z5 Datasheet HTML 190Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 239 page
background image
Electrical characteristics
ST10F276Z5
186/239
.
Erase suspend latency (6)
–30
30
µs
Erase suspend request
Rate (6)
20
20
20
ms
Min delay between
two requests
Set protection (6)
40
170
170
µs
1.
The figures are given after about 100 cycles due to testing routines (0 cycles at the final customer).
2.
Word and Double Word Programming times are provided as average value derived from a full sector
programming time: Absolute value of a Word or Double Word Programming time could be longer than the
provided average value.
3.
Bank Erase is obtained through a multiple Sector Erase operation (setting bits related to all sectors of the
Bank).
4.
Module Erase is obtained through a sequence of two Bank Erase operations (since each module is
composed by two Banks).
5.
Chip Erase is obtained through a sequence of two Module Erase operations on I- and X-Module.
6.
Not 100% tested, guaranteed by design characterization
Table 94.
Data retention characteristics
Number of program / erase
cycles
(-40 °C
≤ T
A ≤ 125 °C)
Data retention time
(average ambient temperature 60 °C)
832 Kbyte
(code store)
64 Kbyte
(EEPROM emulation)(1)
1.
Two 64 Kbyte Flash Sectors may be typically used to emulate up to 4, 8 or 16 Kbytes of EEPROM.
Therefore, in case of an emulation of a 16 Kbyte EEPROM, 100000 Flash Program / Erase cycles are
equivalent to 800000 EEPROM Program/Erase cycles.
For an efficient use of the Read While Write feature and/or EEPROM Emulation please refer to dedicated
Application Note document (AN2061 - EEPROM Emulation with ST10F2xx). Contact your local field
service, local sales person or STMicroelectronics representative to obtain a copy of such a guideline
document.
0 - 100
> 20 years
> 20 years
1000
-
> 20 years
10000
-
10 years
100000
-
1 year
Table 93.
Flash characteristics (continued)
Parameter
Typical
TA = 25 °C
Maximum
TA = 125 °C
Unit
Notes
0 cycles (1)
0 cycles (1)
100k cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com