Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 177Page - STMicroelectronics ST10F276Z5 Datasheet HTML 178Page - STMicroelectronics ST10F276Z5 Datasheet HTML 179Page - STMicroelectronics ST10F276Z5 Datasheet HTML 180Page - STMicroelectronics ST10F276Z5 Datasheet HTML 181Page - STMicroelectronics ST10F276Z5 Datasheet HTML 182Page - STMicroelectronics ST10F276Z5 Datasheet HTML 183Page - STMicroelectronics ST10F276Z5 Datasheet HTML 184Page - STMicroelectronics ST10F276Z5 Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 239 page
background image
ST10F276Z5
Electrical characteristics
181/239
VIH
SR
Input high voltage (TTL mode)
(except RSTIN, EA, NMI, RPD,
XTAL1)
–2.0
VDD + 0.3
V
VIHS
SR
Input high voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD,
XTAL1)
–
0.7 VDD
VDD + 0.3
VIH1
SR
Input high voltage RSTIN, EA,
NMI, RPD
–
0.7 VDD
VDD + 0.3
VIH2
SR
Input high voltage XTAL1
(CMOS only)
Direct Drive
mode
0.7 VDD
VDD + 0.3
VIH3
SR
Input high voltage READY
(TTL only)
–2.0
VDD + 0.3
VHYS CC
Input hysteresis (TTL mode)
(except RSTIN, EA, NMI, XTAL1,
RPD)
(3)
400
700
mV
VHYSSCC
Input Hysteresis (CMOS mode)
(except RSTIN, EA, NMI, XTAL1,
RPD)
(3)
750
1400
VHYS1CC
Input hysteresis RSTIN, EA, NMI
(3)
750
1400
VHYS2CC
Input hysteresis XTAL1
(3)
050
VHYS3CC
Input hysteresis READY (TTL only) (3)
400
700
VHYS4CC
Input hysteresis RPD
(3)
500
1500
VOL
CC
Output low voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTIN,
RSTOUT)
IOL = 8 mA
IOL = 1 mA
–
0.4
0.05
V
VOL1 CC
Output low voltage
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
IOL1 = 4 mA
IOL1 = 0.5 mA
–
0.4
0.05
VOL2 CC Output low voltage RPD
IOL2 = 85 µA
IOL2 = 80 µA
IOL2 = 60 µA
–
VDD
0.5 VDD
0.3 VDD
VOH
CC
Output high voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTOUT)
IOH = – 8 mA
IOH = – 1 mA
VDD – 0.8
VDD – 0.08
–
VOH1 CC
Output high voltage(1)
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
IOH1 = – 4 mA
IOH1 = – 0.5 mA
VDD – 0.8
VDD – 0.08
–
VOH2 CC Output high voltage RPD
IOH2 = – 2 mA
IOH2 = – 750 µA
IOH2 = – 150 µA
0
0.3 VDD
0.5 VDD
–
Table 92.
DC characteristics (continued)
Symbol
Parameter
Test Condition
Limit values
Unit
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com