Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 179 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 179 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 175Page - STMicroelectronics ST10F276Z5 Datasheet HTML 176Page - STMicroelectronics ST10F276Z5 Datasheet HTML 177Page - STMicroelectronics ST10F276Z5 Datasheet HTML 178Page - STMicroelectronics ST10F276Z5 Datasheet HTML 179Page - STMicroelectronics ST10F276Z5 Datasheet HTML 180Page - STMicroelectronics ST10F276Z5 Datasheet HTML 181Page - STMicroelectronics ST10F276Z5 Datasheet HTML 182Page - STMicroelectronics ST10F276Z5 Datasheet HTML 183Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 239 page
background image
ST10F276Z5
Electrical characteristics
179/239
23.3
Power considerations
The average chip-junction temperature, TJ, in degrees Celsius, is calculated using the
following equation:
TJ = TA + (PD x ΘJA) 1)
Where:
TA is the Ambient Temperature in °C,
Θ
JA is the Package Junction-to-Ambient Thermal Resistance, in °C/W,
PD is the sum of PINT and PI/O (PD = PINT + PI/O),
PINT is the product of IDD and VDD, expressed in Watt. This is the Chip Internal Power,
PI/O represents the Power Dissipation on Input and Output Pins; user determined.
Most often in applications, PI/O< PINT,which may be ignored. On the other hand, PI/O may be
significant if the device is configured to continuously drive external modules and/or
memories.
An approximate relationship between PD and TJ (if PI/O is neglected) is given by:
PD = K / (TJ + 273 °C) (2)
Therefore (solving equations 1 and 2):
K = PD x (TA + 273 °C) + ΘJA x PD
2
(3)
Where:
K is a constant for the particular part, which may be determined from equation (3) by
measuring PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ
are obtained by solving equations (1) and (2) iteratively for any value of TA.
Based on thermal characteristics of the package and with reference to the power
consumption figures provided in the next tables and diagrams, the following product
classification can be proposed. In any case, the exact power consumption of the device
inside the application must be computed according to different working conditions, thermal
profiles, real thermal resistance of the system (including printed circuit board or other
substrata) and I/O activity.
Table 90.
Thermal characteristics
Symbol
Description
Value (typical)
Unit
Θ
JA
Thermal resistance junction-ambient
PQFP 144 - 28 x 28 x 3.4 mm / 0.65 mm pitch
LQFP 144 - 20 x 20 mm / 0.5 mm pitch
LQFP 144 - 20 x 20 mm / 0.5 mm pitch on four layer
FR4 board (2 layers signals / 2 layers power)
30
40
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com