Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 203 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 203 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 199Page - STMicroelectronics ST10F276Z5 Datasheet HTML 200Page - STMicroelectronics ST10F276Z5 Datasheet HTML 201Page - STMicroelectronics ST10F276Z5 Datasheet HTML 202Page - STMicroelectronics ST10F276Z5 Datasheet HTML 203Page - STMicroelectronics ST10F276Z5 Datasheet HTML 204Page - STMicroelectronics ST10F276Z5 Datasheet HTML 205Page - STMicroelectronics ST10F276Z5 Datasheet HTML 206Page - STMicroelectronics ST10F276Z5 Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 239 page
background image
ST10F276Z5
Electrical characteristics
203/239
23.8.12
PLL lock/unlock
During normal operation, if the PLL is unlocked for any reason, an interrupt request to the
CPU is generated and the reference clock (oscillator) is automatically disconnected from the
PLL input: In this way, the PLL goes into free-running mode, providing the system with a
backup clock signal (free running frequency Ffree). This feature allows to recover from a
crystal failure occurrence without risking to go into an undefined configuration: The system
is provided with a clock allowing the execution of the PLL unlock interrupt routine in a safe
mode.
The path between the reference clock and PLL input can be restored only by a hardware
reset, or by a bidirectional software or watchdog reset event that forces the RSTIN pin low.
Note:
The external RC circuit on RSTIN pin must be the right size in order to extend the duration of
the low pulse to grant the PLL to be locked before the level at RSTIN pin is recognized high:
Bidirectional reset internally drives RSTIN pin low for just 1024 TCL (definitely not sufficient
to get the PLL locked starting from free-running mode).
Conditions: VDD = 5 V ±10%, TA = –40 / +125
oC
23.8.13
Main oscillator specifications
Conditions: VDD = 5 V ±10%, TA = –40 / +125 °C
Table 99.
PLL lock/unlock timing
Symbol
Parameter
Conditions
Value
Unit
Min.
Max.
TPSUP
PLL Start-up time (1)
1.
Not 100% tested, guaranteed by design characterization.
Stable VDD and reference clock
–
300
µs
TLOCK
PLL Lock-in time
Stable VDD and reference clock,
starting from free-running mode
–
250
TJIT
Single Period Jitter (1)
(cycle to cycle = 2 TCL)
6 sigma time period variation
(peak to peak)
–500
+500
ps
Ffree
PLL free running
frequency
Multiplication factors: 3, 4
Multiplication factors: 5, 8, 10, 16
250
500
2000
4000
kHz
Table 100.
Main oscillator specifications
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
gm
Oscillator transconductance
8
17
35
mA/V
VOSC
Oscillation amplitude (1)
1.
Not 100% tested, guaranteed by design characterization
Peak to peak
–
VDD – 0.4
–
V
VAV
Oscillation voltage level (1)
Sine wave middle
–
VDD / 2 –0.25
–
tSTUP
Oscillator start-up time (1)
Stable VDD - crystal
–
3
4
ms
Stable VDD, resonator
–
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com