Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 205 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 205 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 201Page - STMicroelectronics ST10F276Z5 Datasheet HTML 202Page - STMicroelectronics ST10F276Z5 Datasheet HTML 203Page - STMicroelectronics ST10F276Z5 Datasheet HTML 204Page - STMicroelectronics ST10F276Z5 Datasheet HTML 205Page - STMicroelectronics ST10F276Z5 Datasheet HTML 206Page - STMicroelectronics ST10F276Z5 Datasheet HTML 207Page - STMicroelectronics ST10F276Z5 Datasheet HTML 208Page - STMicroelectronics ST10F276Z5 Datasheet HTML 209Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 239 page
background image
ST10F276Z5
Electrical characteristics
205/239
Figure 55.
32 kHz crystal oscillator connection diagram
The given values of CA do not include the stray capacitance of the package and of the
printed circuit board: The negative resistance values are calculated assuming additional
5 pF to the values in the table. The crystal shunt capacitance (C0), the package and the
stray capacitance between XTAL3 and XTAL4 pins is globally assumed equal to 4 pF. The
external resistance between XTAL3 and XTAL4 is not necessary, since already present on
the silicon.
Warning:
Direct driving on XTAL3 pin is not supported. Always use a
32 kHz crystal oscillator.
23.8.15
External clock drive XTAL1
When Direct Drive configuration is selected during reset, it is possible to drive the CPU clock
directly from the XTAL1 pin, without particular restrictions on the maximum frequency, since
the on-chip oscillator amplifier is bypassed. The speed limit is imposed by internal logic that
targets a maximum CPU frequency of 64 MHz.
In all other clock configurations (Direct Drive with Prescaler or PLL usage) the on-chip
oscillator amplifier is not bypassed, so it determines the input clock speed limit. Then an
external clock source can be used but limited in the range of frequencies defined for the
usage of crystal and resonator (refer also to Table 97 on page 198).
External clock drive timing conditions: VDD = 5 V ±10%, VSS = 0 V, TA = –40 to +125 °C
Table 103.
Minimum values of negative resistance (module)
CA = 6 pF CA = 12 pF CA = 15 pF CA = 18 pF CA = 22 pF CA = 27 pF CA = 33 pF
32 kHz
----
150 k
Ω
120 k
Ω
90 kW
CA
CA
Crystal
ST10F276



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com