Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F276Z5 Datasheet(PDF) 204 Page - STMicroelectronics

Part # ST10F276Z5
Description  16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F276Z5 Datasheet(HTML) 204 Page - STMicroelectronics

Back Button ST10F276Z5 Datasheet HTML 200Page - STMicroelectronics ST10F276Z5 Datasheet HTML 201Page - STMicroelectronics ST10F276Z5 Datasheet HTML 202Page - STMicroelectronics ST10F276Z5 Datasheet HTML 203Page - STMicroelectronics ST10F276Z5 Datasheet HTML 204Page - STMicroelectronics ST10F276Z5 Datasheet HTML 205Page - STMicroelectronics ST10F276Z5 Datasheet HTML 206Page - STMicroelectronics ST10F276Z5 Datasheet HTML 207Page - STMicroelectronics ST10F276Z5 Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 239 page
background image
Electrical characteristics
ST10F276Z5
204/239
Figure 54.
Crystal oscillator and resonator connection diagram
The given values of CA do not include the stray capacitance of the package and of the
printed circuit board: The negative resistance values are calculated assuming additional
5 pF to the values in the table. The crystal shunt capacitance (C0), the package and the
stray capacitance between XTAL1 and XTAL2 pins is globally assumed equal to 4 pF.
The external resistance between XTAL1 and XTAL2 is not necessary, since already present
on the silicon.
23.8.14
32 kHz Oscillator specifications
Conditions: VDD = 5 V ±10%, TA = –40 / +125 °C
Table 101.
Negative resistance (absolute min. value @125oC / VDD = 4.5 V)
CA (pF)
12
15
18
22
27
33
39
47
4 MHz
460
Ω
550
Ω
675
Ω
800
Ω
840
Ω
1000
Ω
1180
Ω
1200
Ω
8 MHz
380
Ω
460
Ω
540
Ω
640
Ω
580
Ω
--
-
12 MHz
370
Ω
420
Ω
360
Ω
--
--
-
CA
CA
Crystal
Resonator
ST10F276Z5
ST10F276Z5
Table 102.
32 kHz Oscillator specifications
Symbol
Parameter
Conditions
Value
Unit
Min.
Typ.
Max.
gm32
Oscillator (1)
1.
At power-on a high current biasing is applied for faster oscillation start-up. Once the oscillation is started,
the current biasing is reduced to lower the power consumption of the system.
Start-up
20
31
50
µA/V
Normal run
8
17
30
VOSC32
Oscillation amplitude (2))
2.
Not 100% tested, guaranteed by design characterization.
Peak to peak
0.5
1.0
2.4
V
VAV32
Oscillation voltage level (2)
Sine wave middle
0.7
0.9
1.2
tSTUP32
Oscillator start-up time(2)
Stable VDD
–15
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com