Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 164 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 164 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 160Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 161Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 162Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 163Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 164Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 165Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 166Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 167Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 189 page
background image
Electrical characteristics
ST10F272Z2
164/189
The given values of CA do not include the stray capacitance of the package and of the
printed circuit board: the negative resistance values are calculated assuming additional 5pF
to the values in the table. The crystal shunt capacitance (C0) and the package capacitance
between XTAL3 and XTAL4 pins is globally assumed equal to 4pF. The external resistance
between XTAL3 and XTAL4 is not necessary, since already present on the silicon.
Warning:
Direct driving on XTAL3 pin is not supported. Always use a
32 kHz crystal oscillator.
25.8.13
External clock drive XTAL1
When Direct Drive configuration is selected during reset, it is possible to drive the CPU clock
directly from the XTAL1 pin, without particular restrictions on the maximum frequency, since
the on-chip oscillator amplifier is bypassed. The speed limit is imposed by internal logic that
targets a maximum CPU frequency of 64 MHz.
In all other clock configurations (Direct Drive with Prescaler or PLL usage) the on-chip
oscillator amplifier is not bypassed, so it determines the input clock speed limit. Then, when
the on-chip oscillator is enabled it is forbidden to use any external clock source different
from crystal or ceramic resonator.
1.
The minimum value for the XTAL1 signal period shall be considered as the theoretical minimum. The real
minimum value depends on the duty cycle of the input clock signal.
2.
4-8 MHz is the input frequency range when using an external clock source. 64 MHz can be applied with an
external clock source only when Direct Drive mode is selected: in this case, the oscillator amplifier is
bypassed so it does not limit the input frequency.
3.
The input clock signal must reach the defined levels VIL2 and VIH2.
Table 76.
Minimum values of negative resistance (module) for 32 kHz oscillator
CA = 6 pF CA = 12 pF CA = 15 pF CA = 18 pF CA = 22 pF CA = 27 pF CA = 33 pF
32kHz
-
---
150 k
Ω
120 k
Ω
90 kW
Table 77.
External clock drive
Parameter
Symbol
Direct drive
fCPU = fXTAL
Direct drive with
prescaler
fCPU = fXTAL / 2
PLL usage
fCPU = fXTAL x F
Unit
min.
max.
min.
max.
min.
max.
XTAL1 period 1, 2 tOSC SR
15.625
–
83.3
250
83.3
250
ns
High time 3
t1
SR
6
–3
–6
–
ns
Low time 3
t2
SR
6–3
–6
–
ns
Rise time 3
t3
SR
–2–
2–
2
ns
Fall time 3
t4
SR
–2–
2–
2
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com