Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 161 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 161 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 157Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 158Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 159Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 160Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 161Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 162Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 163Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 164Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 189 page
background image
ST10F272Z2
Electrical characteristics
161/189
Figure 49.
ST10F272Z2 PLL jitter
25.8.10
PLL lock / unlock
During normal operation, if the PLL gets unlocked for any reason, an interrupt request to the
CPU is generated, and the reference clock (oscillator) is automatically disconnected from
the PLL input: in this way, the PLL goes into free-running mode, providing the system with a
backup clock signal (free running frequency Ffree). This feature allows to recover from a
crystal failure occurrence without risking to go in an undefined configuration: the system is
provided with a clock allowing the execution of the PLL unlock interrupt routine in a safe
mode.
The path between reference clock and PLL input can be restored only by a hardware reset,
or by a bidirectional software or watchdog reset event that forces the RSTIN pin low.
Note:
The external RC circuit on RSTIN pin shall be properly sized in order to extend the duration
of the low pulse to grant the PLL gets locked before the level at RSTIN pin is recognized
high: bidirectional reset internally drives RSTIN pin low for just 1024 TCL (definitively not
sufficient to get the PLL locked starting from free-running mode).
N (CPU clock periods)
200
400
±5
±1
800
600
1000
1200
1400
0
0
64MHz
±2
±3
±4
24MHz
40MHz
32MHz
16MHz
TJIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com