Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 155Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 156Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 157Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 158Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 159Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 160Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 161Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 162Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 189 page
background image
ST10F272Z2
Electrical characteristics
159/189
The PLL input frequency range is limited to 1 to 3.5 MHz, while the VCO oscillation range is
64 to 128 MHz. The CPU clock frequency range when PLL is used is 16 to 64 MHz.
Example 1
●
fXTAL = 10 MHz
●
P0(15:13) = ‘110’ (multiplication by 3)
●
PLL input frequency = 2.5 MHz
●
VCO frequency = 120 MHz
●
PLL output frequency = 30 MHz
(VCO frequency divided by 4)
●
fCPU = 30 MHz (no effect of output prescaler)
Example 2
●
fXTAL = 8 MHz
●
P0(15:13) = ‘100’ (Multiplication by 5)
●
PLL input frequency = 2 MHz
●
VCO frequency = 80 MHz
●
PLL output frequency = 40 MHz (VCO frequency divided by 2)
●
fCPU = 40 MHz (no effect of Output Prescaler)
25.8.9
PLL Jitter
The following terminology is hereafter defined:
●
Self referred single period jitter
Also called “Period Jitter”, it can be defined as the difference of the Tmax and Tmin,
where Tmax is maximum time period of the PLL output clock and Tmin is the minimum
time period of the PLL output clock.
●
Self referred long term jitter
Also called “N period jitter”, it can be defined as the difference of Tmax and Tmin, where
Tmax is the maximum time difference between N+1 clock rising edges and Tmin is the
minimum time difference between N+1 clock rising edges. Here N should be kept
sufficiently large to have the long term jitter. For N=1, this becomes the single period
jitter.
Jitter at the PLL output can be due to the following reasons:
●
Jitter in the input clock
●
Noise in the PLL loop.
0
1
1
1 to 64 MHz
–
PLL bypassed
–
FXTAL x 1
0
1
0
4 to 6.4 MHz
FXTAL / 2
40
2
–
FXTAL x 10
0
0
1
4 to 12 MHz 1)
–
PLL bypassed
FPLL / 2
FXTAL / 2
000
4 MHz
FXTAL / 2
64
2
–
FXTAL x 16
Table 71.
Internal PLL divider mechanism (continued)
P0.15-13
(P0H.7-5)
XTAL
Frequency
Input
Prescaler
PLL
Output
Prescaler
CPU Frequency
fCPU = fXTAL x F
Multiply by
Divide by



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com