Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 151Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 152Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 153Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 154Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 155Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 156Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 157Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 158Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 189 page
background image
ST10F272Z2
Electrical characteristics
155/189
25.8
AC characteristics
25.8.1
Test waveforms
Figure 46.
Input / output waveforms
Figure 47.
Float waveforms
25.8.2
Definition of internal timing
The internal operation of the ST10F272Z2 is controlled by the internal CPU clock fCPU. Both
edges of the CPU clock can trigger internal (for example pipeline) or external (for example
bus cycles) operations.
The specification of the external timing (AC Characteristics) therefore depends on the time
between two consecutive edges of the CPU clock, called “TCL”.
The CPU clock signal can be generated by different mechanisms. The duration of TCL and
its variation (and also the derived external timing) depends on the mechanism used to
generate fCPU.
This influence must be regarded when calculating the timings for the ST10F272Z2.
The example for PLL operation shown in Figure 48 refers to a PLL factor of 4.
The mechanism used to generate the CPU clock is selected during reset by the logic levels
on pins P0.15-13 (P0H.7-5).
2.4V
0.4V
Test Points
2.0V
2.0V
0.8V
0.8V
AC inputs during testing are driven at 2.4V for a logic ‘1’ and 0.4V for a logic ‘0’.
Timing measurements are made at VIH min. for a logic ‘1’ and VIL max for a logic ‘0’.
Timing
Reference
Points
VLOAD + 0.1V
VLOAD - 0.1V
VOH - 0.1V
VOL + 0.1V
VLOAD
VOL
VOH
For timing purposes a port pin is no longer floating when VLOAD changes of ±100mV.
It begins to float when a 100mV change from the loaded VOH/VOL level occurs (IOH/IOL = 20m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com