Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 152Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 153Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 154Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 155Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 156Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 157Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 158Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 159Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 189 page
background image
Electrical characteristics
ST10F272Z2
156/189
Figure 48.
Generation mechanisms for the CPU clock
25.8.3
Clock generation modes
Next Table 70 associates the combinations of these three bits with the respective clock
generation mode.
1.
The external clock input range refers to a CPU clock range of 1...64 MHz. Besides, the PLL usage is limited
to 4-8MHz. All configurations need a crystal (or ceramic resonator) to generate the CPU clock through the
internal oscillator amplifier (apart from Direct Drive): vice versa, the clock can be forced through an external
clock source only in Direct Drive mode (on-chip oscillator amplifier disabled, so no crystal or resonator can
be used).
2.
The maximum depends on the duty cycle of the external clock signal: when 64MHz is used, 50% duty cycle
shall be granted (low phase = high phase = 7.8 ns); when 32 MHz is selected a 25% duty cycle can be
accepted (minimum phase, high or low, again equal to 7.8 ns).
3.
The limits on input frequency are 4-8 MHz since the usage of the internal oscillator amplifier is required.
Also when the PLL is not used and the CPU clock corresponds to FXTAL/2, an external crystal or resonator
shall be used: it is not possible to force any clock though an external clock source.
TCLTCL
TCLTCL
fCPU
fXTAL
fCPU
fXTAL
Phase locked loop operation
Direct Clock Drive
TCL
TCL
fCPU
fXTAL
Prescaler Operation
Table 70.
On-chip clock generator selections
P0.15-13
(P0H.7-5)
CPU Frequency
fCPU = fXTAL x F
External Clock
Input Range 1) 3)
Notes
11
1
FXTAL x 4
4 to 8 MHz
Default configuration
11
0
FXTAL x 3
5.3 to 8 MHz
10
1
FXTAL x 8
4 to 8 MHz
10
0
FXTAL x 5
6.4 to 8 MHz
01
1
FXTAL x 1
1 to 64 MHz
Direct Drive (oscillator bypassed)
2)
01
0
FXTAL x 10
4 to 6.4 MHz
00
1
FXTAL / 2
4 to 8 MHz
CPU clock via prescaler 3)
00
0
FXTAL x 16
4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com