Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 153 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 153 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 149Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 150Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 151Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 152Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 153Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 154Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 155Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 156Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 189 page
background image
ST10F272Z2
Electrical characteristics
153/189
Figure 45.
Anti-aliasing filter and conversion rate
The considerations above lead to impose new constraints to the external circuit, to reduce
the accuracy error due to the voltage drop on CS; from the two charge balance equations
above, it is simple to derive the following relation between the ideal and real sampled
voltage on CS:
From this formula, in the worst case (when VA is maximum, that is for instance 5 V),
assuming to accept a maximum error of half a count (~2.44mV), it is immediately evident a
constraints on CF value:
In the next section an example of how to design the external network is provided, assuming
some reasonable values for the internal parameters and making hypothesis on the
characteristics of the analog signal to be sampled.
Example of external network sizing
The following hypothesis are formulated in order to proceed in designing the external
network on A/D Converter input pins:
●
Analog Signal Source Bandwidth (f0):10 kHz
●
conversion Rate (fC):25 kHz
●
Sampling Time (TS):1 µs
●
Pin Input Capacitance (CP1):5 pF
●
Pin Input Routing Capacitance (CP2):1 pF
●
Sampling Capacitance (CS):4 pF
●
Maximum Input Current Injection (IINJ):3 mA
●
Maximum Analog Source Voltage (VAM):12 V
●
Analog Source Impedance (RS):100 Ω
●
Channel Switch Resistance (RSW):500 Ω
●
Sampling Switch Resistance (RAD):200 Ω
f0
f
Analog Source Bandwidth (VA)
f0
f
Sampled Signal Spectrum (fC = conversion Rate)
fC
f
Anti-Aliasing Filter (fF = RC Filter pole)
fF
2 f0 ≤ fC (Nyquist)
fF = f0 (Anti-aliasing Filtering Condition)
TC ≤ 2 RFCF (Conversion Rate vs. Filter Pole)
Noise
V
A
V
A2
-----------
C
P1
C
P2
+C
F
+
C
P1
C
P2
+C
F
C
S
++
------------------------------------------------------------
=
CF 2048 CS
⋅
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com