Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272Z2 Datasheet(PDF) 154 Page - STMicroelectronics

Part # ST10F272Z2
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272Z2 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button ST10F272Z2_08 Datasheet HTML 150Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 151Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 152Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 153Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 154Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 155Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 156Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 157Page - STMicroelectronics ST10F272Z2_08 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 189 page
background image
Electrical characteristics
ST10F272Z2
154/189
1.
Supposing to design the filter with the pole exactly at the maximum frequency of the
signal, the time constant of the filter is:
2.
Using the relation between CF and CS and taking some margin (4000 instead of 2048),
it is possible to define CF:
3.
As a consequence of step 1 and 2, RC can be chosen:
4.
Considering the current injection limitation and supposing that the source can go up to
12V, the total series resistance can be defined as:
from which is now simple to define the value of RL:
5.
Now the three element of the external circuit RF, CF and RL are defined. Some
conditions discussed in the previous paragraphs have been used to size the
component, the other must now be verified. The relation which allow to minimize the
accuracy error introduced by the switched capacitance equivalent resistance is in this
case:
So the error due to the voltage partitioning between the real resistive path and CS is
less then half a count (considering the worst case when VA = 5 V):
The other conditions to be verified is the time constants of the transients are really and
significantly shorter than the sampling period duration TS:
For complete set of parameters characterizing the ST10F272Z2 A/D Converter equivalent
circuit, refer to Section 25.7: A/D converter characteristics on page 146.
RCCF
1
2
πf0
------------
15.9
µs
=
=
CF 4000 CS
⋅
16nF
=
=
RF
1
2
πf0CF
---------------------
995
Ω 1kΩ
≅
=
=
RS RF RL
VAM
IINJ
-------------
4k
Ω
=
=
++
RL
VAM
IINJ
------------- RF RS 2.9kΩ
=
–
–
=
REQ
1
fCCS
---------------10M
Ω
=
=
VA
RS RF RL RSW RAD
++
+
+
REQ
---------------------------------------------------------------------------
2.35mV
=
⋅
1
2
---LSB
<
τ1 RSW RAD
+
()
=
CS 2.8ns
=
⋅
<< TS = 1µs
10
τ2
⋅
10 R
⋅ L
=
CS CP1 CP2
++
() 290ns
=
⋅
< TS = 1µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com