Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MAX9723D Evaluation Kit/Evaluation System
_______________________________________________________________________________________
7
Power Supply
The MAX9723D EV kit board is powered from a user-
supplied +1.8V to +3.6VDC power supply between the
VDD and GND pads.
Hardware- or Software-Shutdown Control
The MAX9723 features a shutdown mode to reduce
power consumption and extend battery life. Shutdown
can be either hardware- or software-controlled. The soft-
ware-controlled shutdown maintains the configuration
set by the user (see the
Powered Up Checkbox and
Close Button section). Jumper JU3 controls the hard-
ware-shutdown function of the MAX9723D EV kit. Move
jumper JU3 to position 2-3 to shut down the entire
MAX9723 and reset all the registers to their power-on
defaults. See Table 5 for shutdown shunt positions.
User-Supplied I2C Interface
Connect SDA, SCL, and GND lines from the user-sup-
plied I2C interface to the corresponding pads on the
MAX9723D EV kit board. Install shunts across pins 1-2
of JU1 and JU2 to pull up the SDA and SCL lines.
Remove the jumpers if the bus is already pulled up.
JU3
FUNCTION
1-2*
Normal operation
2-3
Power-down mode
*
Default position.
Table 5. Hardware Shutdown Selection



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com