Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9723DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX9723D evaluation kit (EV kit) is a fully assem-
bled and tested PCB that evaluates the MAX9723
stereo DirectDriveTM headphone amplifier with
BassMax, volume control, and I2C. The MAX9723D EV
kit operates from a single 1.8V to 3.6V power supply,
and is capable of delivering 60mW into a 16Ω load.
The MAX9723D evaluation system (EV system) includes
a MAX9723D EV kit, Windows 98SE/2000/XP-compati-
ble software, and a Maxim system command module.
The software’s graphical user interface (GUI) allows
easy control of the MAX9723D’s I2C interface, adjusting
settings such as BassMax and volume.
Order the complete EV system (MAX9723DEVC-
MODU+ or MAX9723DEVCMOD2+) for a comprehen-
sive evaluation of the MAX9723A/MAX9723B/
MAX9723C/MAX9723D using a PC. Order the EV kit
(MAX9723DEVKIT+) if the CMODUSB+ or CMOD232+
system command module has already been purchased
with a previous Maxim EV system, or for custom use in
other microcontroller-based (µC) systems.
The EV kit comes with the MAX9723DETE+ installed.
Contact the factory for free samples of the pin-compati-
ble MAX9723A/MAX9723B/MAX9723C to evaluate
these parts.
Windows is a registered trademark of Microsoft Corp.
Features
o Single 1.8V to 3.6V Power-Supply Operation
o 60mW Stereo DirectDrive Headphone Outputs
(16Ω
Ω, VDD = 3V)
o System Command Module: USB Interface
(CMODUSB+) or Serial Interface (CMOD232+)
o Windows® 98SE/2000/XP-Compatible Evaluation
Software
o Evaluates the MAX9723A/MAX9723B/MAX9723C
(with IC replacement)
o Fully Assembled and Tested
MAX9723D Evaluation Kit/Evaluation System
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
PART
QTY
DESCRIPTION
MAX9723DEVKIT+
1
MAX9723D EV kit
CMODUSB+
1
System command module
(USB serial interface)
PART
QTY
DESCRIPTION
MAX9723DEVKIT+
1
MAX9723D EV kit
CMOD232+
1
System command module
(RS-232 serial interface)
PART
TYPE
INTERFACE
MAX9723DEVKIT+
EV kit
User-supplied I2C
interface
MAX9723DEVCMODU+
EV system
CMODUSB+ USB
interface board
MAX9723DEVCMOD2+
EV system
CMOD232+ RS-232
serial-interface board
MAX9723DEVCMODU+
Component List
MAX9723DEVCMOD2+
19-0662; Rev 0; 11/06
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free and RoHS-compliant EV kit.
Note: The MAX9723D EV kit software is included with the
MAX9723D EV kit, but is designed for use with the complete EV
system. The EV system includes a Maxim system command
module (CMODUSB+ or CMOD232+) and the EV kit. If the
Windows software will not be used, the EV kit board can be pur-
chased without the Maxim system command module.
DESIGNATION
QTY
DESCRIPTION
C1, C9, C10
3
0.1µF ±10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
Murata GRM188R71C104K
C2, C3, C6
3
1µF ±10%, 10V X7R ceramic
capacitors (0603)
TDK C1608X7R1A105K
TDK C1608X7R1C105K
Murata GRM188R61A105K
C4, C5
2
0.47µF ±10%, X7R ceramic
capacitors (0603)
TDK C1608X7R1A474K (10V)
Murata GRM188R71E474KA12D (25V)
Murata GRM188R71C747KA88 (16V)
Kemet C0603C474K9RAC7867 (6.3V)
MAX9723DEVKIT+


Similar Part No. - MAX9723DEVKIT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9723D AD-MAX9723D Datasheet
1Mb / 26P
Stereo DirectDrive Headphone Amplifier with BassMax, Volume Control, and I2C
Rev 5 2/20
More results

Similar Description - MAX9723DEVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6652 MAXIM-MAX6652_07 Datasheet
134Kb / 8P
Evaluation System/Evaluation Kit
Rev 1; 3/07
MAX5581EVKIT MAXIM-MAX5581EVKIT Datasheet
263Kb / 15P
MAX5581 Evaluation Kit/Evaluation System
Rev 0; 6/05
MAX5661EVKIT MAXIM-MAX5661EVKIT Datasheet
306Kb / 13P
MAX5661 Evaluation Kit/Evaluation System
Rev 0; 3/09
MAX6660EVKIT MAXIM-MAX6660EVKIT Datasheet
190Kb / 7P
MAX6660 Evaluation System/Evaluation Kit
Rev 0; 1/02
MAX6960EVKIT MAXIM-MAX6960EVKIT Datasheet
1Mb / 24P
MAX6960 Evaluation Kit/Evaluation System
Rev 0; 10/05
MAX7306EVKIT MAXIM-MAX7306EVKIT Datasheet
184Kb / 8P
MAX7306 Evaluation Kit/Evaluation System
Rev 0; 8/07
MAX17061AEVKIT MAXIM-MAX17061AEVKIT Datasheet
332Kb / 11P
MAX17061A Evaluation Kit/Evaluation System
Rev 0; 5/09
MAX17061EVKIT MAXIM-MAX17061EVKIT Datasheet
432Kb / 12P
MAX17061 Evaluation Kit/Evaluation System
Rev 1; 10/08
MAX17105EVKIT MAXIM-MAX17105EVKIT Datasheet
712Kb / 14P
MAX17105 Evaluation Kit/Evaluation System
Rev 0; 4/09
MAX6884 MAXIM-MAX6884 Datasheet
758Kb / 12P
Evaluation System/Evaluation Kit
Rev 2; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com