Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For the left channel, capacitor C9 creates a pole and a
zero according to the following equations:
fPOLE is the frequency that the gain boost begins to roll
off. fZERO is the frequency that the bass-boost gain no
longer affects the transfer function and the volume-control
gain dominates. Table 4 lists capacitor values and the
corresponding poles and zeros for a given DC gain.
See Figure 7 for an example of a gain profile using
BassMax. Set the right-channel frequency response by
adjusting R4, R3, and C10.
MAX9723D EV System
The MAX9723D EV system (MAX9723DEVCMODU+ or
MAX9723DEVCMOD2+) is a complete stereo
DirectDrive headphone amplifier system consisting of
the MAX9723D EV kit and Maxim’s system command
module (CMODUSB+ or CMOD232+).
The MAX9723D EV kit provides a proven layout for
evaluating the MAX9723 and comes with the
MAX9723DETE+ installed.
CMODUSB+ and CMOD232+
Command Module
The CMODUSB+ and CMOD232+ use a proprietary
design to provide SPI- and I2C-compatible interfaces to
demonstrate various Maxim devices. Maxim reserves
the right to change the implementation of this module at
any time with no advance notice.
CMODUSB+ Power Supply
The CMODUSB+ board uses a MAX1658 linear regula-
tor. Jumper J1 selects between the 5VDC voltage that
comes from the USB connector and the MAX1658’s
regulated 3.3V output voltage. Set the CMODUSB+
jumper J1 at position 2-3 to have 3.3V output voltage to
evaluate the MAX9723D EV kit.
CMOD232+ Power Supply
The CMOD232+ board uses a MAX1659 linear regula-
tor. Jumper J1 selects either the MAX1659’s 5V default
output voltage or 3.3V output voltage. Set the
CMOD232+ jumper J1 at position 1-2 to have 3.3V out-
put voltage to evaluate the MAX9723D EV kit.
MAX9723D EV Kit Stand-Alone Operation
The MAX9723D EV kit operates without the system
command module, but the functions are limited to
power-on reset-default settings listed below:
•
BassMax enabled
•
Maximum gain range:
0dB for MAX9723A/MAX9723B or +6dB for
MAX9723C/MAX9723D
•
Maximum gain setting
•
Device enabled
Input Mode
The audio input terminals on the MAX9723D EV kit
accept stereo single-ended inputs (INR and INL).
MAX9723 I2C Address
The MAX9723 device is an I2C/SMBus™ slave and is
write only. Versions A and C have a fixed slave address
of 1001100X, and versions B and D have a fixed slave
address of 1001101X. See Table 1 for details.
f
RR
CR
R
f
RR
CR
R
POLE
ZERO
=
××
×
=
+
××
×
−
56
2
956
56
2
956
π
π
MAX9723D Evaluation Kit/Evaluation System
6
_______________________________________________________________________________________
C9 (C10) (nF)
fPOLE (Hz)
fZERO (Hz)
100
38
106
82
47
130
68
56
156
56
68
190
47
81
230
22
174
490
10
384
1060
Note: Reference designators in parenthesis indicate right-
channel components. Simply substitute R4 for R5, R3 for R6,
and C10 for C9 for right-channel equations.
Table 4. BassMax Pole and Zero
Examples for a Gain Boost of 8.8dB—R5
(R4) = 47kΩ and R6 (R3) = 22kΩ
SMBus is a trademark of Intel Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com