Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9723DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Gain Range and Gain Settings
The MAX9723 offers two options for the maximum vol-
ume setting (AV_VOL). The MAX9723A/MAX9723B have
selectable maximum gains of -5dB or 0dB, while the
MAX9723C and MAX9723D have selectable maximum
gains of +1dB or +6dB.
The Gain Range checkbox (Figure 3) allows the user to
select between the two maximum gain ranges. See Table
2 for the corresponding gain range of each IC version.
The MAX9723 also includes a 32-level volume control
that adjusts the overall gain (AV_VOL) of the output
amplifiers.
Use the Gain Setting slide bar to adjust AV_VOL.
Bass Boost Select
The MAX9723 includes a bass-boost feature that com-
pensates for the headphone’s poor bass response by
increasing the amplifier gain at low frequencies
(AV_BOOST). The bass-boost setting is customized by
adjusting R5, R6, and C9 for the left channel and R4,
R6, and C10 for the right channel. See the
Detailed
Description of Hardware section.
Checking the Bass Boost Select checkbox (Figure 4)
enables bass boost. The output has additional gain
(AV_BOOST) on top of the overall gain (AV_VOL). The
default AV_BOOST is +8.8dB for bass frequencies. The
absolute gain at low frequencies is equal to:
AV_TOTAL = AV_VOL + AV_BOOST
Powered Up Checkbox and Close Button
Uncheck the Powered Up checkbox (Figure 5), while
SHDN is pulled high, to shut down the MAX9723. The
EV kit software powers up in the state shown in Figure
5. Clearing the Powered Up checkbox does not reset
the internal registers.
Press the Close button (Figure 5) to quit the
MAX9723D EV kit software.
MAX9723D Evaluation Kit/Evaluation System
4
_______________________________________________________________________________________
Figure 3. Gain Range Checkbox and Gain Setting Slide Bar for
MAX9723 Gain Adjustments
Figure 5. Powered Up Checkbox and Close Button
VERSION
GAIN RANGE (dB)
MAX9723A
-5 or 0
MAX9723B
-5 or 0
MAX9723C
+1 or +6
MAX9723D*
+1 or +6
*
EV kit IC version.
Table 2. MAX9723 Gain Range
Figure 4. MAX9723 Bass-Boost Feature



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com