Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9723DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
________________________________________________________________________________________
Quick Start
Recommended Equipment
•
DC power supply (3.3V @ 0.5A)
•
Stereo audio source (e.g., CD player, MP3 player, etc.)
•32Ω or 16Ω headphones
•
MAX9723D EV system
MAX9723D EV kit
Maxim CMODUSB+ or CMOD232+ system
command module
•
A user-supplied Windows 98SE/2000/XP PC
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and
underlined refers to items from the Windows 98SE/
2000/XP operating system.
Procedure
Follow the steps below to verify board operation.
Caution: Do not turn on the power supply until all con-
nections are complete.
1) Visit the Maxim website (www.maxim-ic.com/evkit-
software) to download the most recent version of
the EV kit software, 9723RXX.ZIP. Save the EV kit
software to a temporary folder and uncompress the
ZIP file.
2) Install the MAX9723D EV kit software on your com-
puter by running the INSTALL.EXE program inside
the temporary folder. The program files are copied
and icons are created in the Windows Start |
Programs menu.
3) Carefully connect the system command module to
the EV kit by aligning the 20-pin connector of the
MAX9723D EV kit with the 20-pin header of the
Maxim system command module interface board.
4) Enable the pullup resistors on the system command
module by making sure the SDA switch and SCL
switch (both on SW1) are thrown on.
5) If using Maxim’s serial-interface board (CMOD232+),
connect a 9-pin male-to-female cable from the com-
puter’s serial port to CMOD232+. CMOD232+
requires a 9V power supply to P1 (DC IN). For regu-
lated 3.3V output voltage, install a shunt across pins
1-2 of J1 on the CMOD232+. If using Maxim’s USB
interface board (CMODUSB+), connect the A-to-B
USB cable from the computer’s USB port to
CMODUSB+. CMODUSB+ requires no external
power as it is powered from the PC USB port. For reg-
ulated 3.3V output, install a shunt across pins 2-3 of
J1 on the CMODUSB+.
6) Ensure that a shunt is placed across pins 1-2 of
JU3 on the MAX9723D EV kit board.
MAX9723D Evaluation Kit/Evaluation System
2
_______________________________________________________________________________________
Note: Indicate that you are using the MAX9723D when
contacting these component suppliers.
DESIGNATION
QTY
DESCRIPTION
J1
1
2 x 10 right-angle receptacle
JU1, JU2, JU3
3
3-pin headers
PJ1
1
3.5mm stereo jack
(SMT, lead free, and RoHS)
CUI Inc. SJ-3523-SMT
R1, R2
2
10kΩ ±1% resistors (0603)
lead free
R3, R6
2
22.1kΩ ±1% resistors (0603)
lead free
R4, R5
2
47.5kΩ ±1% resistors (0603)
lead free
U1
1
MAX9723DETE+ (16-pin TQFN)
Stereo DirectDrive headphone
amplifier
—
3
Shunts
—
1
MAX9723D EV kit PCB
Component List (continued)
MAX9723DEVKIT+
SUPPLIER
PHONE
WEBSITE
Keystone
800-221-5510
www.keyelco.com
Murata
770-436-1300
www.murata.com
TDK
847-703-6100
www.component.tdk.com
Component Suppliers
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your
computer
MAX9723V03.EXE
Application program
TROUBLESHOOTING_USB.
PDF
USB driver installation help
file
FTD2XX.INF
USB device driver file
UNINST.INI
Uninstall the EV kit software
MAX9723D EV Kit Files



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com