Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9723DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
_______________________________________________________________________________________
5
MAX9723D Evaluation Kit/Evaluation System
Detailed Description of Hardware
BassMax Component Selection
PCB components R5, R6, and C9 set the bass boost for
the left channel, while components R4, R3, and C10 set
the bass boost for the right channel (see Figure 6). The
default bass boost is +8.8dB. Changing the components
listed above modifies the bass-boost gain and frequency
response. For example, when bass boost is enabled, the
ratio of R5 and R6 sets the left-channel bass boost gain
(AV_BOOST_) that is calculated using the following equa-
tion. Adjust resistors R4 and R3 to set the right-channel
bass boost.
To maintain circuit stability, the ratio:
must not exceed 1/2 (a ratio of 1/3 is recommended).
The switch that shorts BB_ to SGND, when BassMax is
disabled, can have an on-resistance as high as 300Ω.
Choose a value for R5 (R3) greater than 40kΩ to ensure
that positive feedback is negligible when BassMax is
disabled. Table 3 contains a list of R6 (R3) values, with
R5 (R4) = 47kΩ, and the corresponding low-frequency
gain.
The low-frequency boost attained by the BassMax cir-
cuit is added to the gain realized by the volume setting.
Select the BassMax gain so that the output signal
remains within the dynamic range of the MAX9723.
Output signal clipping occurs at low frequencies if the
BassMax gain boost is excessively large (refer to the
Output Dynamic Range section in the MAX9723 data
sheet).
R
RR
6
56
+
A
RR
RR
V BOOSTL
_
log
=×
+
⎛
⎝
⎜
⎞
⎠
⎟
−
20
56
56
MAX9723D
R
R
OUT_
BB_
R5
(R4)
*REFERENCE DESIGNATORS IN PARENTHESIS INDICATE RIGHT-CHANNEL COMPONENTS.
R6
(R3)
AUDIO INPUT
BASSMAX
ENABLE
C9
(C10)
Figure 6. Bass Boost External Components for Left Channel
R6 (R3) (k
Ω)
AV GAIN (dB)
39
20.6
33
15.1
27
11.3
22
8.8
15
5.7
10
3.7
Note: Reference designators in parenthesis indicate right-
channel components.
Table 3. BassMax Gain Examples—R5
(R4) = 47kΩ
GAIN PROFILE WITH AND
WITHOUT BASSMAX
FREQUENCY (Hz)
10,000
1000
100
-2
0
2
4
6
8
10
12
14
16
fPOLE
fZERO
WITH BASSMAX
MAX9723D
R5(R3) = 47kΩ
R6 (R4) = 22.1kΩ
C9 (C10) = 0.1µF
AV_VOL = +6dB
WITHOUT BASSMAX
-4
10
100,000
Figure 7. BassMax, Gain Profile Example for AV_VOL = +6dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com