Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9723DEVKIT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9723DEVKIT
Description  MAX9723D Evaluation Kit/Evaluation System
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9723DEVKIT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9723DEVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX9723DEVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MAX9723D Evaluation Kit/Evaluation System
_______________________________________________________________________________________
3
7) Connect a 3.3V power supply between the pads
labeled VDD and GND on the MAX9723D EV kit
board.
8) Ensure that the input audio source is turned off.
9) Connect the stereo audio source to the pads
labeled RIN, LIN, and GND on the MAX9723D EV
kit board.
10) Plug the headphones into the 3.5mm headphone
jack on the MAX9723D EV kit board.
11) Turn on the DC power supply.
12) Enable the audio source.
13) Start the MAX9723 program by opening its icon in the
Windows Start menu. Select the device slave
address from the device pulldown menu. See Table 1.
Detailed Description of Software
Device Selection and Slave Address
The MAX9723 has an I2C-compatible interface that
allows serial communication between the MAX9723
and a microcontroller. The MAX9723 is available with
one of two preset slave addresses (see Table 1). The
MAX9723D EV kit ships with the MAX9723D. Change
IC U1 to evaluate other devices. Samples of other
MAX9723 devices are available through Maxim’s web-
site at www.maxim-ic.com.
The Device pulldown menu allows the user to select
the device slave address. Select the slave address of
the device being evaluated at startup. See Figure 2 for
details.
MAX9723 SLAVE ADDRESS
VERSION
A6
A5
A4
A3
A2
A1
A0
R/
W
MAX9723A
1
0
0
1
1
0
0
X
MAX9723B
1
0
0
1
1
0
1
X
MAX9723C
1
0
0
1
1
0
0
X
MAX9723D*
1
0
0
1
1
0
1
X
*
EV kit IC version.
Table 1. MAX9723 Slave Address
Figure 1. MAX9723D EV Kit Software GUI Window
Figure 2. Device Selection and Slave Address



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com