Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 62Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 63Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 64Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 65Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 66Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 67Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 68Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 69Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
66/96
Doc ID 13587 Rev 12
Figure 31.
I2C bus AC waveforms and measurement circuit
1.
Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD.
Table 40.
SCL frequency (fPCLK1= 36 MHz.,VDD = 3.3 V)
(1)(2)
1.
RP = External pull-up resistance, fSCL = I
2C speed,
2.
For speeds around 200 kHz, the tolerance on the achieved speed is of
5%. For other speed ranges, the
tolerance on the achieved speed
2%. These variations depend on the accuracy of the external
components used to design the application.
fSCL (kHz)
I2C_CCR value
RP = 4.7 k
400
0x801E
300
0x8028
200
0x803C
100
0x00B4
50
0x0168
20
0x0384
ai14133d
Start
SDA
100
Ω
4.7k
Ω
I²C bus
4.7k
Ω
100
Ω
VDD
VDD
STM32F10x
SDA
SCL
tf(SDA)
tr(SDA)
SCL
th(STA)
tw(SCLH)
tw(SCLL)
tsu(SDA)
tr(SCL)
tf(SCL)
th(SDA)
Start repeated
Start
tsu(STA)
tsu(STO)
Stop
tsu(STO:STA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com