Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 66Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 67Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 68Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 69Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 70Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 71Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 72Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 73Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
70/96
Doc ID 13587 Rev 12
Figure 35.
USB timings: definition of data signal rise and fall time
5.3.16
CAN (controller area network) interface
Refer to Section 5.3.12: I/O port characteristics for more details on the input/output alternate
function characteristics (CAN_TX and CAN_RX).
Table 43.
USB DC electrical characteristics
Symbol
Parameter
Conditions
Min.(1)
1.
All the voltages are measured from the local ground potential.
Max.(1)
Unit
Input levels
VDD
USB operating voltage(2)
2.
To be compliant with the USB 2.0 full-speed electrical specification, the USBDP (D+) pin should be pulled
up with a 1.5 k
 resistor to a 3.0-to-3.6 V voltage range.
3.0(3)
3.
The STM32F103xx USB functionality is ensured down to 2.7 V but not the full USB electrical
characteristics which are degraded in the 2.7-to-3.0 V VDD voltage range.
3.6
V
VDI
(4)
4.
Guaranteed by design, not tested in production.
Differential input sensitivity
I(USBDP, USBDM)
0.2
V
VCM
(4)
Differential common mode range
Includes VDI range
0.8
2.5
VSE
(4)
Single ended receiver threshold
1.3
2.0
Output levels
VOL
Static output level low
RL of 1.5 kto 3.6 V
(5)
5.
RL is the load connected on the USB drivers
0.3
V
VOH
Static output level high
RL of 15 kto VSS
(5)
2.8
3.6
Table 44.
USB: Full-speed electrical characteristics(1)
1.
Guaranteed by design, not tested in production.
Symbol
Parameter
Conditions
Min
Max
Unit
Driver characteristics
tr
Rise time(2)
2.
Measured from 10% to 90% of the data signal. For more detailed informations, please refer to USB
Specification - Chapter 7 (version 2.0).
CL = 50 pF
420
ns
tf
Fall time(2)
CL = 50 pF
4
20
ns
trfm
Rise/ fall time matching
tr/tf
90
110
%
VCRS
Output signal crossover voltage
1.3
2.0
V
ai14137
tf
Differen tial
data lines
VSS
VCRS
tr
Crossover
points



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com