Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 88Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 89Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 90Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 91Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 92Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 93Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 94Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 95Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 96Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 92 / 96 page
background image
Revision history
STM32F103x8, STM32F103xB
92/96
Doc ID 13587 Rev 12
22-Nov-2007
4
Document status promoted from preliminary data to datasheet.
The STM32F103xx is USB certified. Small text changes.
Power supply schemes on page 15 modified. Number of
communication peripherals corrected for STM32F103Tx and number of
GPIOs corrected for LQFP package in Table 2: STM32F103xx medium-
density device features and peripheral counts.
Main function and default alternate function modified for PC14 and
PC15 in, Note 6 added and Remap column added in Table 5: Medium-
density STM32F103xx pin definitions.
VDD–VSS ratings and Note 1 modified in Table 6: Voltage
characteristics, Note 1 modified in Table 7: Current characteristics.
Note 1 and Note 2 added in Table 11: Embedded reset and power
control block characteristics.
IDD value at 72 MHz with peripherals enabled modified in Table 14:
Maximum current consumption in Run mode, code with data
processing running from RAM.
IDD value at 72 MHz with peripherals enabled modified in Table 15:
Maximum current consumption in Sleep mode, code running from
Flash or RAM on page 42.
IDD_VBAT typical value at 2.4 V modified and IDD_VBAT maximum values
added in Table 16: Typical and maximum current consumptions in Stop
and Standby modes. Note added in Table 17 on page 46 and Table 18
on page 47. ADC1 and ADC2 consumption and notes modified in
Table 19: Peripheral current consumption.
tSU(HSE) and tSU(LSE) conditions modified in Table 22 and Table 23,
respectively.
Maximum values removed from Table 26: Low-power mode wakeup
timings. tRET conditions modified in Table 29: Flash memory endurance
and data retention. Figure 13: Power supply scheme corrected.
Figure 19: Typical current consumption in Stop mode with regulator in
Low-power mode versus temperature at VDD = 3.3 V and 3.6 V added.
Note removed below Figure 32: SPI timing diagram - slave mode and
CPHA = 0. Note added below Figure 33: SPI timing diagram - slave
mode and CPHA = 1(1).
Details on unused pins removed from General input/output
characteristics on page 58.
Table 41: SPI characteristics updated. Table 42: USB startup time
added. VAIN, tlat and tlatr modified, note added and Ilkg removed in
Table 45: ADC characteristics. Test conditions modified and note added
in Table 48: ADC accuracy. Note added below Table 46 and Table 49.
Inch values corrected in Table 53: LQPF100, 14 x 14 mm 100-pin low-
profile quad flat package mechanical data, Table 54: LQFP64, 10 x 10
mm, 64-pin low-profile quad flat package mechanical data and
Table 56: LQFP48, 7 x 7 mm, 48-pin low-profile quad flat package
mechanical data.
JAvalue for VFQFPN36 package added in Table 57: Package thermal
characteristics
Order codes replaced by Section 7: Ordering information scheme.
MCU ‘s operating conditions modified in Typical current consumption
on page 45. Avg_Slope and V25 modified in Table 49: TS
characteristics. I2C interface characteristics on page 65 modified.
Impedance size specified in A.4: Voltage glitch on ADC input 0 on
page 81.
Table 59.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com