Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 42 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 38Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 39Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 40Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 41Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 42Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 43Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 44Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 45Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
42/96
Doc ID 13587 Rev 12
Table 15.
Maximum current consumption in Sleep mode, code running from Flash
or RAM
Symbol
Parameter
Conditions
fHCLK
Max(1)
1.
based on characterization, tested in production at VDD max, fHCLK max with peripherals enabled.
Unit
TA = 85 °C
TA = 105 °C
IDD
Supply current in
Sleep mode
External clock(2), all
peripherals enabled
2.
External clock is 8 MHz and PLL is on when fHCLK > 8 MHz.
72 MHz
30
32
mA
48 MHz
20
20.5
36 MHz
15.5
16
24 MHz
11.5
12
16 MHz
8.5
9
8 MHz
5.5
6
External clock(2), all
peripherals disabled
72 MHz
7.5
8
48 MHz
6
6.5
36 MHz
5
5.5
24 MHz
4.5
5
16 MHz
4
4.5
8 MHz
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com