Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 75 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 75 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 71Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 72Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 73Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 74Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 75Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 76Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 77Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 78Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 96 page
background image
STM32F103x8, STM32F103xB
Electrical characteristics
Doc ID 13587 Rev 12
75/96
Figure 39.
Power supply and reference decoupling (VREF+ connected to VDDA)
1.
VREF+ and VREF– inputs are available only on 100-pin packages.
5.3.18
Temperature sensor characteristics
VREF+/VDDA
STM32F103xx
1 µF // 10 nF
VREF–/VSSA
ai14389
(See note 1)
(See note 1)
Table 49.
TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL
(1)
1.
Based on characterization, not tested in production.
VSENSE linearity with temperature
1
2
°C
Avg_Slope(1)
Average slope
4.0
4.3
4.6
mV/°C
V25
(1)
Voltage at 25 °C
1.34
1.43
1.52
V
tSTART
(2)
2.
Guaranteed by design, not tested in production.
Startup time
4
10
µs
TS_temp
(3)(2)
3.
Shortest sampling time can be determined in the application by multiple iterations.
ADC sampling time when reading the
temperature
17.1
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com