Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 36 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 32Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 33Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 34Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 35Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 36Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 37Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 38Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 39Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 96 page
background image
Electrical characteristics
STM32F103x8, STM32F103xB
36/96
Doc ID 13587 Rev 12
5.3
Operating conditions
5.3.1
General operating conditions
Table 7.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD
Total current into VDD/VDDA power lines (source)
(1)
1.
All main power (VDD, VDDA) and ground (VSS, VSSA) pins must always be connected to the external power
supply, in the permitted range.
150
mA
IVSS
Total current out of VSS ground lines (sink)
(1)
150
IIO
Output current sunk by any I/O and control pin
25
Output current source by any I/Os and control pin
 25
IINJ(PIN)
(2)(3)
2.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum
cannot be respected, the injection current must be limited externally to the IINJ(PIN) value. A positive
injection is induced by VIN > VDD while a negative injection is induced by VIN < VSS.
3.
Negative injection disturbs the analog performance of the device. See note in Section 5.3.17: 12-bit ADC
characteristics.
Injected current on NRST pin
± 5
Injected current on HSE OSC_IN and LSE OSC_IN pins
± 5
Injected current on any other pin(4)
4.
When several inputs are submitted to a current injection, the maximum
I
INJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values). These results are based on
characterization with
I
INJ(PIN) maximum current injection on four I/O port pins of the device.
± 5
I
INJ(PIN)
(2)
Total injected current (sum of all I/O and control pins)(4)
± 25
Table 8.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 9.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
0
72
MHz
fPCLK1
Internal APB1 clock frequency
0
36
fPCLK2
Internal APB2 clock frequency
0
72
VDD
Standard operating voltage
2
3.6
V
VDDA
(1)
Analog operating voltage
(ADC not used)
Must be the same potential
as VDD
(2)
23.6
V
Analog operating voltage
(ADC used)
2.4
3.6
VBAT
Backup operating voltage
1.8
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com