Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103CBU7XXX Datasheet(PDF) 78 Page - STMicroelectronics

Part # STM32F103CBU7XXX
Description  Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103CBU7XXX Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STM32F103CBU7XXX Datasheet HTML 74Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 75Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 76Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 77Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 78Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 79Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 80Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 81Page - STMicroelectronics STM32F103CBU7XXX Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 96 page
background image
Package characteristics
STM32F103x8, STM32F103xB
78/96
Doc ID 13587 Rev 12
1.
Drawing is not to scale.
2.
The back-side pad is not internally connected to the VSS or VDD power pads.
3.
There is an exposed die pad on the underside of the VFQFPN package. It should be soldered to the PCB. All leads should
also be soldered to the PCB. It is recommended to connect it to VSS.
Figure 42.
VFQFPN48 7 x 7 mm, 0.5 mm pitch, package
outline(1)
Figure 43.
Recommended footprint
(dimensions in mm)(1)(2)(3)
Seating
Plane
C
Pin no. 1 ID
R = 0.20
Bottom View
1
48
L
12
13
D2
b
24
25
36
37
e
D
V0_ME
0.50
7.30
0.75
5.80
5.80
6.20
6.20
5.60
5.60
13
1
24
37
ai15799
12
48
36
25
0.55
0.30
0.20
Table 51.
VFQFPN48 7 x 7 mm, 0.5 mm pitch, package mechanical data
Symbol
millimeters
inches(1)
Min
Typ
Max
Min
Typ
Max
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.020
0.050
0.0008
0.0020
A2
0.650
1.000
0.0256
0.0394
A3
0.250
0.0098
b
0.180
0.230
0.300
0.0071
0.0091
0.0118
D
6.850
7.000
7.150
0.2697
0.2756
0.2815
D2
2.250
4.700
5.250
0.0886
0.1850
0.2067
E
6.850
7.000
7.150
0.2697
0.2756
0.2815
E2
2.250
4.700
5.250
0.0886
0.1850
0.2067
e
0.450
0.500
0.550
0.0177
0.0197
0.0217
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd
0.080
0.0031
1.
Values in inches are converted from mm and rounded to 4 decimal digits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com