Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4470 Datasheet HTML 1Page - Infineon Technologies AG TLE4470 Datasheet HTML 2Page - Infineon Technologies AG TLE4470 Datasheet HTML 3Page - Infineon Technologies AG TLE4470 Datasheet HTML 4Page - Infineon Technologies AG TLE4470 Datasheet HTML 5Page - Infineon Technologies AG TLE4470 Datasheet HTML 6Page - Infineon Technologies AG TLE4470 Datasheet HTML 7Page - Infineon Technologies AG TLE4470 Datasheet HTML 8Page - Infineon Technologies AG TLE4470 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
4
Rev. 1.2, 2008-03-20
TLE 4470
RADJ: Adjustable reset switching threshold is not available in the PG-DSO-14 package.
Reset is always triggered at the internal threshold.
ADJ2: Main regulator adjust input is internally connected to
V
Q2.
Table 2
PG-DSO-14
Pin No.
Symbol
Function
1D
Reset delay; connect a capacitor
C
D to GND for delay time
adjustment
2DIS
Disable input main regulator; Q2 disabled with high signal
3, 4, 5
GND
Ground
6RQ
Reset output; the open collector output is connected to Q1
via an integrated 30 k
Ω resistor
7SQ
Sense output; the open collector output is connected to Q1
via an integrated 30 k
Ω resistor
8Q1
Stand-by regulator output voltage; block to GND with a
capacitor,
C
Q1 ≥ 6 µF, ESR < 10 Ω at 10 kHz
9Q2
Main regulator output voltage; 5 V output tracking to Q1,
block to GND with a capacitor
C
Q2 ≥ 10 µF, ESR < 10 Ω at
10 kHz
10, 11, 12
GND
Ground
13
I
Main and stand-by regulator input voltage; block to GND
directly at the IC with a ceramic capacitor
14
SI
Sense comparator input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com