Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE4470 Datasheet HTML 13Page - Infineon Technologies AG TLE4470 Datasheet HTML 14Page - Infineon Technologies AG TLE4470 Datasheet HTML 15Page - Infineon Technologies AG TLE4470 Datasheet HTML 16Page - Infineon Technologies AG TLE4470 Datasheet HTML 17Page - Infineon Technologies AG TLE4470 Datasheet HTML 18Page - Infineon Technologies AG TLE4470 Datasheet HTML 19Page - Infineon Technologies AG TLE4470 Datasheet HTML 20Page - Infineon Technologies AG TLE4470 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
17
Rev. 1.2, 2008-03-20
TLE 4470
Typical Performance Characteristics
Drop Voltage
V
DRQ1 versus
Output Current
I
Q1
Drop Voltage
V
DRQ2 versus
Output Current
I
Q2
Output Voltage
V
Q1, VQ2 versus
Output Current
I
Q1
Output Voltage
V
Q1 versus
Temperature
T
j
AED02491
0
0
= 125 ˚C
Ι
V
DRQ1
50
100
150
200
mA
300
100
200
300
400
500
600
mV
T j
Q1
j
T = 25 ˚C
= -40 ˚C
T j
Q2 OFF
AED02492
0
0
= 125 ˚C
Ι
V
DRQ2
50
100
150
200
mA
300
100
200
300
400
500
600
mV
T
j
Q2
j
T = 25 ˚C
= -40 ˚C
T
j
AED02493
0
0
= 25 ˚C
Ι
V
Q1
1
2
3
4
5
6
V
T
j
Q1
100
200
300
400
500
mA
Q1
V
Q2
V
Q2
V
,
AED02494
-40
4.6
= 13.5 V
T
V
Q1
4.7
4.8
4.9
5
5.1
5.2
V
VΙ
j
0
40
80
120
160
˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com