Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4470 Datasheet HTML 1Page - Infineon Technologies AG TLE4470 Datasheet HTML 2Page - Infineon Technologies AG TLE4470 Datasheet HTML 3Page - Infineon Technologies AG TLE4470 Datasheet HTML 4Page - Infineon Technologies AG TLE4470 Datasheet HTML 5Page - Infineon Technologies AG TLE4470 Datasheet HTML 6Page - Infineon Technologies AG TLE4470 Datasheet HTML 7Page - Infineon Technologies AG TLE4470 Datasheet HTML 8Page - Infineon Technologies AG TLE4470 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Type
Package
TLE 4470 GS
PG-DSO-14
TLE 4470 G
PG-DSO-20
Dual Low-Drop Voltage Regulator
TLE 4470
P-DSO-14-1, -4, -7
PG-DSO-14
P/PG-DSO-20-1,-6,-7,-9,-14,-1
PG-DSO-20
Data Sheet
1
Rev. 1.2, 2008-03-20
Features
•
Stand-by output 180 mA; 5 V
± 2%
•
Adjustable reset switching threshold
•
Main output 350 mA; tracked to the stand-by output
•
Low quiescent current consumption in standby mode
•
Disable function for main output
•
Wide operation range: up to 45 V
•
Very low dropout
•
Power-On-Reset circuit sensing the stand-by voltage
•
Early warning comparator for supply undervoltage
•
Output protected against short circuit
•
Wide temperature range: -40
°C to 150 °C
•
Overtemperature protection
•
Overload protection
•
Green Product (RoHS compliant)
•
AEC Qualified
Functional Description
The TLE 4470 is a monolithic integrated voltage
regulator with two very low-drop outputs, a main output Q2 for loads up to 350 mA and
a stand by output Q1 providing a maximum of 180 mA. The device is available in two
packages the PG-DSO-14 and PG-DSO-20. It is designed to supply microprocessor
systems under the severe conditions of automotive applications and is therefore
equipped with additional protection functions against overload, short circuit and
overtemperature. Of course the TLE 4470 can also be used in other applications where
two stabilized voltages are required.
The device operates in the wide junction temperature range of -40
°C to 150 °C.
The stand-by regulator transforms an input voltage
V
I in the range of 5.6 V ≤ VI ≤ 45 V
to
V
Q1,nom = 5 V within an accuracy of 2%, whereas the main regulator is adjustable. By


Similar Part No. - TLE4470

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
Dual Low-Drop Voltage Regulator
TLE4470G SIEMENS-TLE4470G Datasheet
121Kb / 22P
Dual Low-Drop Voltage Regulator
TLE4470GS SIEMENS-TLE4470GS Datasheet
121Kb / 22P
Dual Low-Drop Voltage Regulator
More results

Similar Description - TLE4470

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
logo
Unisonic Technologies
LD1985 UTC-LD1985_11 Datasheet
245Kb / 10P
VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR
logo
STMicroelectronics
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com