Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE4470 Datasheet HTML 12Page - Infineon Technologies AG TLE4470 Datasheet HTML 13Page - Infineon Technologies AG TLE4470 Datasheet HTML 14Page - Infineon Technologies AG TLE4470 Datasheet HTML 15Page - Infineon Technologies AG TLE4470 Datasheet HTML 16Page - Infineon Technologies AG TLE4470 Datasheet HTML 17Page - Infineon Technologies AG TLE4470 Datasheet HTML 18Page - Infineon Technologies AG TLE4470 Datasheet HTML 19Page - Infineon Technologies AG TLE4470 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Data Sheet
16
Rev. 1.2, 2008-03-20
TLE 4470
Figure 5
Early Warning
The early warning function compares a voltage defined by the user to an internal
reference voltage. Therefore the voltage to be supervised has to be scaled down by an
external voltage divider in order to compare it to internal sense threshold (reference
voltage) which is typically 1.35 V. The sense out pin is set to low when the user defined
voltage falls below this threshold.
A typical example where this circuit can be used is to supervise the input voltage
V
I to
give the microprocessor a prewarning of a low battery condition.
Calculation of the voltage divider can be easily done since the sense input current can
be neglected. The equations needed for calculation are identical to the previously given
ones.
To minimize transient influences the use of a capacitor in parallel to
R
2 is recommended.
Like the reset output pin, the sense out pin SQ is internally connected to the stand-by
output Q1 via a 30 k
Ω pull-up resistor. The sense out LOW signal at pin SQ is generated
down to an input voltage
V
I1 of 3 V typical.
AES02505_4470
1
Band-Gap
Reference
Reference
Band-Gap
+
_
RADJ
RO
Q1
V
V
I1
GND
R
1
2
R
30 k
Ω
1.35 V
1.35 V
_
<
TLE 4470 G
ref
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com