Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE4470 Datasheet HTML 15Page - Infineon Technologies AG TLE4470 Datasheet HTML 16Page - Infineon Technologies AG TLE4470 Datasheet HTML 17Page - Infineon Technologies AG TLE4470 Datasheet HTML 18Page - Infineon Technologies AG TLE4470 Datasheet HTML 19Page - Infineon Technologies AG TLE4470 Datasheet HTML 20Page - Infineon Technologies AG TLE4470 Datasheet HTML 21Page - Infineon Technologies AG TLE4470 Datasheet HTML 22Page - Infineon Technologies AG TLE4470 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
19
Rev. 1.2, 2008-03-20
TLE 4470
Current Consumption
I
q versus
Output Current
I
Q2 (low load)
Current Consumption
I
q versus
Output Current
I
Q2 (high load)
Reset Adjust Threshold
V
RADJTH
versus Temperature
T
j
Switching Voltage
V
DU, VDL versus
Temperature
T
j
AED02499
0
0
= 25 ˚C
Ι
Ι
q
10
20
30
40
60
300
600
900
1200
1500
1800
A
T
j
Q2
Ι
V = 13.5 V
= 0 mA
Ι
Q1
mA
µ
AED02500
0
0
Ι
Ι
q
50
100
150
200
mA
300
5
10
15
20
25
30
Q2
mA
AED02501
-40
1.0
T
V
RADJTH
1.1
1.2
1.3
1.4
1.5
1.6
j
0
40
80
120
160
˚C
V
AED02502
-40
0
T
V
D
0.4
0.8
1.2
1.6
2.0
2,4
j
0
40
80
120
160
˚C
= 13,5 V
VΙ
DU
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com