Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE4470 Datasheet HTML 4Page - Infineon Technologies AG TLE4470 Datasheet HTML 5Page - Infineon Technologies AG TLE4470 Datasheet HTML 6Page - Infineon Technologies AG TLE4470 Datasheet HTML 7Page - Infineon Technologies AG TLE4470 Datasheet HTML 8Page - Infineon Technologies AG TLE4470 Datasheet HTML 9Page - Infineon Technologies AG TLE4470 Datasheet HTML 10Page - Infineon Technologies AG TLE4470 Datasheet HTML 11Page - Infineon Technologies AG TLE4470 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Data Sheet
8
Rev. 1.2, 2008-03-20
TLE 4470
Note: In the operating range the functions given in the circuit description are fulfilled.
Table 4
Operating Range
Parameter
Symbol
Limit Values
Unit
Remarks
Min.
Max.
Stand-by regulator
input voltage
V
I1
5.6
45
V
–
Main regulator
input voltage
V
I2
V
Q2,nom
+ 0.6 V
45
V
–
Stand-by regulator
output current
I
Q1
0180
mA
–
Main regulator
output current
I
Q2
0350
mA
–
Disable input voltage
V
DIS
-0.3
45
V
–
Sense input voltage
V
SI
-0.3
17
V
–
Junction temperature
T
j
-40
150
°C–
Thermal Resistances PG-DSO-14
Junction pin
R
thj-pin
–
32
K/W
Measured to pin 4
Junction ambient
R
thj-a
–112
K/W
1)
Thermal Resistances PG-DSO-20
Junction pin
R
thj-pin
–
23
K/W
Measured to pin 4
Junction ambient
R
thj-a
–100
K/W
1)
1) Package mounted on PCB 80
× 80 × 1.5 mm3; 35 µ Cu; 5 µ Sn; Footprint only; zero airflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com