Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4470 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4470
Description  Dual Low-Drop Voltage Regulator Very low dropout
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4470 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4470 Datasheet HTML 7Page - Infineon Technologies AG TLE4470 Datasheet HTML 8Page - Infineon Technologies AG TLE4470 Datasheet HTML 9Page - Infineon Technologies AG TLE4470 Datasheet HTML 10Page - Infineon Technologies AG TLE4470 Datasheet HTML 11Page - Infineon Technologies AG TLE4470 Datasheet HTML 12Page - Infineon Technologies AG TLE4470 Datasheet HTML 13Page - Infineon Technologies AG TLE4470 Datasheet HTML 14Page - Infineon Technologies AG TLE4470 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
TLE 4470
Data Sheet
11
Rev. 1.2, 2008-03-20
Disable Input DIS
H-input voltage
threshold
V
DISH
2.3
–
–
V
–
L-input voltage
threshold
V
DISL
–
–
1.4
V
Output 2 active
H-input current
I
DISH
-2
-1
1
µA
2.3 V <
V
DIS < 7 V
L-input current
I
DISL
-6
-2
-0.5
µA0 V < V
DIS < 1.4 V
Reset Timing D and Output RQ
Reset switching
threshold
V
Q, rt
4.5
4.65
4.8
V
RADJ connected to
GND
Reset adjust
threshold
V
RADJTH
1.25
1.35
1.45
V
V
Q1 > 3.5 V
Reset output low
voltage
V
RQL
–0.15
0.3
V
R
RQ = 10 kΩ externally
connected to Q1;
V
Q1 ≥ 1 V
Reset high voltage
V
RQH
4.5
–
–
V
–
Reset pull-up
resistor
R
RQ
20
30
45
k
Ω
Internally connected to
Q1
Reset charging
current
I
D,c
35
9
µA
V
D = 1 V
Upper timing
threshold
V
DU
1.5
1.8
2.2
V
–
Lower timing
threshold
V
DL
0.3
0.4
0.55
V
–
Reset delay time
t
rd
12
15
20
ms
C
D = 47 nF
Reset reaction time
t
rr
–0.5
2.0
µs
C
D = 47 nF
Table 5
Electrical Characteristics (cont’d)
V
I1 = VI2 = 14 V; VDIS < VDISL; -40 °C < Tj < 150 °C; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Test Condition
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com